Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZGFM0530C-MH Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ZGFM0530C-MH
Description  SURFACE MOUNT ZENER TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZGFM0530C-MH Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ZGFM0530C-MH Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZGFM0530C-MH Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZGFM0530C-MH Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZGFM0530C-MH Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
o
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
ZGFM052V C-MH thru ZGFM05 5C-MH
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
2
www.paceleader.tw
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
VF Forward Voltage = 900mV Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (VZ) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest YEASHIN representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
ZGFM052V4C-MH
ZGFM052V7C-MH
ZGFM053V0C-MH
ZGFM053V3C-MH
ZGFM053V6C-MH
ZGFM053V9C-MH
ZGFM054V3C-MH
ZGFM054V7C-MH
ZGFM055V1C-MH
ZGFM055V6C-MH
ZGFM056V2C-MH
ZGFM056V8C-MH
ZGFM057V5C-MH
ZGFM058V2C-MH
ZGFM059V1C-MH
ZGFM0510C-MH
ZGFM0511C-MH
ZGFM0512C-MH
ZGFM0513C-MH
ZGFM0515C-MH
ZGFM0516C-MH
ZGFM0518C-MH
ZGFM0520C-MH
2V4Z
2V7Z
3V0Z
3V3Z
3V6Z
3V9Z
4V3Z
4V4Z
5V1Z
5V6Z
6V2Z
6V8Z
7V5Z
8V2Z
9V1Z
10VZ
11VZ
12VZ
13VZ
15VZ
16VZ
18VZ
20VZ
2.28
2.57
2.85
3.14
3.42
3.71
4.09
4.47
4.85
5.32
5.89
6.46
7.11
7.79
8.65
9.50
10.45
11.40
12.35
14.25
15.20
17.10
19.00
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
2.52
2.84
3.15
3.47
3.78
4.10
4.52
4.94
5.36
5.88
6.51
7.14
7.86
8.61
9.56
10.50
11.55
12.60
13.65
15.75
16.80
18.90
21.00
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
94
94
89
89
84
84
84
75
56
37
9
14
14
14
14
18
18
23
28
28
37
42
51
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
564
564
564
564
564
564
564
470
451
376
141
75
75
75
94
141
141
141
160
188
188
212
212
45
18
9
4.5
4.5
2.7
2.7
2.7
1.8
0.9
2.7
1.8
0.9
0.63
0.45
0.18
0.09
0.09
0.09
0.045
0.045
0.045
0.045
1
1
1
1
1
1
1
2
2
2
4
4
5
5
6
7
8
8
8
10.5
11.2
12.6
14.0
ZGFM0522C-MH
ZGFM0524C-MH
ZGFM0527C-MH
ZGFM0530C-MH
ZGFM0533C-MH
ZGFM0536C-MH
ZGFM0539C-MH
ZGFM0543C-MH
ZGFM0547C-MH
ZGFM0551C-MH
ZGFM0556C-MH
ZGFM0562C-MH
ZGFM0568C-MH
ZGFM0575C-MH
22VZ
24VZ
27VZ
30VZ
33VZ
36VZ
39VZ
43VZ
47VZ
51VZ
56VZ
62VZ
68VZ
75VZ
20.90
22.80
25.65
28.50
31.35
34.20
37.05
40.85
44.65
48.45
53.20
58.90
64.60
71.25
22
24
27
30
33
36
39
43
47
51
56
62
68
75
23.10
25.20
28.35
31.50
34.65
37.80
40.95
45.15
49.35
53.55
58.80
65.10
71.40
78.75
5
5
5
5
5
5
5
5
5
5
5
5
5
5
51
65
75
75
75
84
122
141
160
169
188
202
226
240
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
235
235
282
282
306
329
329
353
353
376
400
423
447
470
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
0.045
15.4
16.8
18.9
21.0
23.0
25.2
27.3
30.1
33.0
35.7
39.2
43.4
47.6
52.5
4
7


Similar Part No. - ZGFM0530C-MH

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
ZGFM0530C-MH PACELEADER-ZGFM0530C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
More results

Similar Description - ZGFM0530C-MH

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com