Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WR5805S Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # WR5805S
Description  Single Color 5 Flush Mount Round Shape Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

WR5805S Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  WR5805S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. WR5805S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Single Color φ5 Flush Mount Round Shape Type
WR5805S
Page 4
2009.11.03
0
0.2
0.4
0.6
0.8
1
1.2
560
580
600
620
640
660
680
700
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
0.1
1
10
100
1.5
1.7
1.9
2.1
2.3
2.5
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 20mA
Wavelength [nm]
Spatial Distribution Example
Condition : Ta = 25℃
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)
Technical Data


Similar Part No. - WR5805S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results

Similar Description - WR5805S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
logo
List of Unclassifed Man...
AY5362X ETC1-AY5362X Datasheet
390Kb / 33P
   Single Color phi 5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com