Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS4745A Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # ZS4745A
Description  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZS4745A Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  ZS4745A Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZS4745A Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZS4745A Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
ZS4728A thru ZS4755A
FEATURES
MECHANICAL DATA
UNITS
SYMBOL
Min.
Typ.
Max.
PARAMETER
CONDITIONS
-55
-55
+125
+125
0C
0C
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
Forward voltage
Power Dissipation
Forward surge current
Storage temperature
Operating temperature
IF=200mADC
8.3ms Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
VF
Po
IFSM
TSTG
TJ
V
mW
mA
1.20
1000
100
1 Watt Power Dissipation
High Voltages from 3.3~43v
Designed for mounting on small surface
Extremely thin/leadless package
Case Molded plastic, JEDEC DO-214AC (SMA)
Terminals Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity Indicated by cathode band
Mounting Position Any
Weight 0.05gram (approx.)
SMA/DO-214AC
0.189(4.8)
0.165(4.2)
0.012(0.3) Typ .
0.106(2.7)
0.091(2.3)
0.165(4.2)
0.150(3.8)
0.071(1.8)
0.055(1.4)
0.040 (1.0) Typ .
0.040(1.0) Typ .
Dimensions in inches and (millimeters)
www.paceleader.tw


Similar Part No. - ZS4745A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4745A FORMOSA-ZS4745A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4745A WEITRON-ZS4745A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
ZS4745A YEASHIN-ZS4745A Datasheet
872Kb / 5P
   1000mW Surface Mount Zener Diodes - 3.3V-100V
logo
SHENZHEN YONGERJIA INDU...
ZS4745A WINNERJOIN-ZS4745A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
More results

Similar Description - ZS4745A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com