Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1305A Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1305A
Description  3.5 x 3.5 mm (h=1.6 mm) Type White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1305A Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  SW1305A Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1305A Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Page 3
Absolute Maximum Ratings
Forward Current
IF
mA
Pulse Forward
Current
※ 1
IFRM
mA
⊿ IF
mA/℃
⊿ IFRM
mA/℃
Reverse Voltage
VR
V
Operating
Temperature
Topr
Storage Temperature
Tstg
225(3chips)
Power Dissipation
Pd
mW
Absolute Maximum Ratings
Item
Symbol
Unit
Derating
※ 2
(Ta=60℃ or higher)
2.5
5(1chip)
-30~ +85
-40~ +100
75(1chip)
20(1chip)
100(1chip)
0.5
SW1305A
3.5 x 3.5 mm (h=1.6 mm) Type White LED
※1 IFRM Measurement condition : Pulse Width≦1ms, Duty≦1/20
※2 Three dies are lit simultaneously.
2009.1.26
(Ta=25℃)


Similar Part No. - SW1305A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SW1314E-H AUK-SW1314E-H Datasheet
174Kb / 6P
   White Chip LED
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
   Chip LED Lamp
logo
Xian Semipower Electron...
SW13N50 SEMIPOWER-SW13N50 Datasheet
704Kb / 7P
   N-channel MOSFET
SW13N50B SEMIPOWER-SW13N50B Datasheet
397Kb / 5P
   N-channel TO-220F MOSFET
SW13N50D SEMIPOWER-SW13N50D Datasheet
653Kb / 6P
   N-channel Enhancement mode TO-220F MOSFET
More results

Similar Description - SW1305A

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
   3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
SunLED Corporation
XZFBBM2ACRDG92W-3 SUNLED-XZFBBM2ACRDG92W-3 Datasheet
285Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021
XZFBBM2ACRTHI92W-3 SUNLED-XZFBBM2ACRTHI92W-3 Datasheet
339Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022
XZM2CRKCYKFBB92W-3 SUNLED-XZM2CRKCYKFBB92W-3 Datasheet
295Kb / 4P
   3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021
logo
Kingbright Corporation
AA3528SEC KINGBRIGHT-AA3528SEC Datasheet
112Kb / 4P
   3.5 x 2.8 mm SMD LED LAMP
AA3528SECK KINGBRIGHT-AA3528SECK Datasheet
138Kb / 4P
   3.5 x 2.8 mm SMD LED LAMP
logo
EHAOAN.
EH-T680KRKT EHAOAN-EH-T680KRKT Datasheet
973Kb / 8P
   Dimension( L/W/H) : 3.5 x 2.8 x 1.9 mm
EH-T680KGKRKT EHAOAN-EH-T680KGKRKT Datasheet
1Mb / 7P
   ·Dimension( L/W/H) : 3.5 x 2.8 x 1.9 mm
EH-T680UBK EHAOAN-EH-T680UBK Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.5 x 2.8 x 1.8 mm
EH-T682KRKGWT EHAOAN-EH-T682KRKGWT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.5 x 2.8 x 1.9 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com