Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4745 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # ZM4745
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZM4745 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  ZM4745 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZM4745 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZM4745 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
o
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
SILICON PLANAR POWER ZENER DIODES
SILICON PLANAR POWER ZENER DIODES
ZM4728 thru ZM4764
Type
ZM4728
ZM4729
ZM4730
ZM4731
ZM4732
ZM4733
ZM4734
ZM4735
ZM4736
ZM4737
ZM4738
ZM4739
ZM4740
ZM4741
ZM4742
ZM4743
ZM4744
ZM4745
ZM4746
ZM4747
ZM4748
ZM4749
ZM4750
ZM4751
ZM4752
ZM4753
ZM4754
ZM4755
ZM4756
ZM4757
ZM4758
ZM4759
ZM4760
ZM4761
ZM4762
ZM4763
ZM4764
Nominal
Zener
3)
Voltage
at
lZT
VZV
lZT mA
Test
Current
76
79
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
at
lZT
Vz
1)
Maximum Zener lmpedance
10
10
9
9
8
7
5
2
3.5
4.0
4.5
5.0
7
8
9
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
VzK
at
lZK mA
400
400
400
400
500
550
600
700
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
1
1
1
1
1
1
1
1
1
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Maximum Reverse
Leakage Current
150
100
100
50
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1
1
1
1
1
1
2
3
4
5
6
7
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56.0
62.2
69.2
76
at
VR V
IR
A
1375
1260
1190
1070
970
890
810
730
660
605
550
500
454
414
380
344
304
285
250
225
205
190
170
150
135
125
115
110
95
90
80
70
65
60
55
50
45
275
252
234
217
193
178
162
146
133
121
110
100
91
83
76
69
61
57
50
45
41
38
34
30
27
25
23
22
19
18
16
14
134
12
11
10
9
At
0
TA=25 C
IR mA
Surge
Current
Maximum
Regulator
2)
Current
LZM mA
1) The Zener lmpedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value equal to 10% of the Zener
current (lZT or lZK) is superimposed on lZT or lZK. Zener lmpedance is measured at two points to insure a sharp knee on the breakdown curve and
to eliminate unstable units.
2) Valid provided that electrodes are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.
2
www.paceleader.tw


Similar Part No. - ZM4745

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4745 SEMTECH-ZM4745 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4745 ZSELEC-ZM4745 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
General Semiconductor
ZM4745 GE-ZM4745 Datasheet
69Kb / 3P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZM4745 BYTESONIC-ZM4745 Datasheet
253Kb / 3P
   Silicon Planar Power Zener Diodes
logo
GOOD-ARK Electronics
ZM4745 GOOD-ARK-ZM4745 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - ZM4745

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com