Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMA166B Datasheet(PDF) 5 Page - Sanken electric

Part # TMA166B
Description  Triac (Bidirectional Triode Thyristor)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA166B Datasheet(HTML) 5 Page - Sanken electric

  TMA166B Datasheet HTML 1Page - Sanken electric TMA166B Datasheet HTML 2Page - Sanken electric TMA166B Datasheet HTML 3Page - Sanken electric TMA166B Datasheet HTML 4Page - Sanken electric TMA166B Datasheet HTML 5Page - Sanken electric TMA166B Datasheet HTML 6Page - Sanken electric TMA166B Datasheet HTML 7Page - Sanken electric TMA166B Datasheet HTML 8Page - Sanken electric TMA166B Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMA16xB
Series
5
Performance Characteristics at TA = 25°C
0
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
V
T (max) (V)
150
125
100
75
50
25
0
30
25
20
15
10
5
0
240
220
200
180
160
140
120
100
80
60
40
20
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1
10
100
0
5
10
15
20
0
5
10
15
20
0.1
1
100
10
10
100
1000
10 000
–60 –40 –20
20
40
60
80 100 120 140
0
0.1
1
10
Maximum On-State
Current versus
Maximum On-State
Voltage
Gate Voltage
versus
Gate Current
Surge On-State
Current versus
Quantity of
Cycles
Case Temperature
versus On-State
RMS Current
On-State Average
Power Dissipation
versus Maximum
On-State
RMS Current
Proportional Change
of Typical
Trigger Voltage
versus
Junction Temperature
T
J = 125°C
f = 50 Hz
full cycle sine wave
total Conduction angle
( +) + ( –) = 360°
initial T
J = 125°C
full cycle sine wave
total Conduction angle
( +) + ( –) = 360°
full cycle sine wave
total Conduction angle
( +) + ( –) = 360°
T
J = 25°C
I
T(RMS) (A)
I
G (mA)
Quantity of Cycles
Proportional Change
of Typical
Trigger Current
versus
Junction Temperature
0.1
1
10
Proportional Change
of Typical
Holding Current
versus
Junction Temperature
T
J (°C)
–60 –40 –20
20
40
60
80 100 120 140
0
T
J (°C)
–60 –40 –20
20
40
60
80 100 120 140
0
T
J (°C)
Quadrant I (T2+, G+) and
Quadrant II (T2+, G–)
Quadrant III (T2–, G–)
RGREF = 1 kΩ
98°C
V
GM = 10 V
V
GT (–40°C)
= 2 V
V
GT (25°C)
= 1.5 V
V
GD = 0.2 V
I
GM = 2 A
I
GT (–40°C)
= 100 mA
I
GT (25°C) = 30 mA
P
GM
= 5 W
P
G(AV)
= 0.5 W
I
T(RMS)(max) (A)
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TMA166B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA166 SANKEN-TMA166 Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166G-L SANKEN-TMA166G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA166I SANKEN-TMA166I Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166P-L SANKEN-TMA166P-L Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA166B

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XP SANKEN-TMA16XP Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA3X SANKEN-TMA3X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XS SANKEN-TMA16XS Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86S-L SANKEN-TMA86S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA36S-L SANKEN-TMA36S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA126G-L SANKEN-TMA126G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com