Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB880FCT Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SB880FCT
Description  ISOLATION SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SB880FCT Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SB880FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL SB880FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB820FCT THRU SB8100FCT
SB820FCT thru SB8100FCT
ISOLATION SCHOTTKY BARRIER RECTIFIER
ISOLATION SCHOTTKY BARRIER RECTIFIER
www.paceleader.tw


Similar Part No. - SB880FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB880FCT PANJIT-SB880FCT Datasheet
42Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Won-Top Electronics
SB880FCT WTE-SB880FCT Datasheet
49Kb / 4P
   8.0A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB880FCT PANJIT-SB880FCT Datasheet
428Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB880FCT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SB620FCT PACELEADER-SB620FCT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F PACELEADER-SB820F Datasheet
308Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB620F PACELEADER-SB620F Datasheet
153Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820CT PACELEADER-SB820CT Datasheet
270Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F Datasheet
40Kb / 3P
   10A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB1020FCT WTE-SB1020FCT Datasheet
39Kb / 3P
   10A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT Datasheet
41Kb / 3P
   16A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2020FCT WTE-SB2020FCT Datasheet
40Kb / 3P
   20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2520FCT WTE-SB2520FCT Datasheet
40Kb / 3P
   25A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB820F WTE-SB820F Datasheet
39Kb / 3P
   8.0A ISOLATION SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com