Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFA5X Datasheet(PDF) 3 Page - Sanken electric

Part # TFA5X
Description  Reverse Blocking Triode Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA5X Datasheet(HTML) 3 Page - Sanken electric

  TFA5X Datasheet HTML 1Page - Sanken electric TFA5X Datasheet HTML 2Page - Sanken electric TFA5X Datasheet HTML 3Page - Sanken electric TFA5X Datasheet HTML 4Page - Sanken electric TFA5X Datasheet HTML 5Page - Sanken electric TFA5X Datasheet HTML 6Page - Sanken electric TFA5X Datasheet HTML 7Page - Sanken electric TFA5X Datasheet HTML 8Page - Sanken electric TFA5X Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA5x
Series
3
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off-State Leakage Current
IDRM
VD = VDRM, TJ = 150°C, RGREF = 1 kΩ
2.0
mA
Reverse Leakage Current
IRRM
VD = VDRM, TJ = 150°C, RGREF = 1 kΩ
2.0
mA
On-State Voltage
VTM
ITM = 15 A, TC = 25°C
1.5
V
Gate Trigger Voltage
VGT
VD = 6 V, RL = 10 Ω, TC = 25°C
1.0
V
Gate Trigger Current
IGT
VD = 6 V, RL = 10 Ω, TC = 25°C
7
15
mA
Gate Non-trigger Voltage
VGD
VD = VDRM × 0.5, RGREF = 1 kΩ, TJ = 125°C
0.2
V
Holding Current
IH
RGREF = 1 kΩ, TJ = 25°C
15
mA
Critical Rising Rate of
Off-State Voltage
dv/dt
VD = VDRM × 0.5, TJ = 125°C, RGREF = 1 kΩ,
CGREF = 0.033 μF
300
V/
μs
Test Circuit 1
Voltage-Current Characteristic
Gate Trigger Current
R
GREF
C
GREF
G
K
A
tgr
tgw
igp
IF
IR
VR
VF
VDRM
VRRM
IRRM
IDRM
VTM
VTM
(On state)
(Off state)
ITM
IH
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TFA5X

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results

Similar Description - TFA5X

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA3X SANKEN-TFA3X_10 Datasheet
398Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA10X SANKEN-TFA10X Datasheet
282Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com