Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5250B Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # MMSZ5250B
Description  SURFACE MOUNT ZENER TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MMSZ5250B Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  MMSZ5250B Datasheet HTML 1Page - PACELEADER INDUSTRIAL MMSZ5250B Datasheet HTML 2Page - PACELEADER INDUSTRIAL MMSZ5250B Datasheet HTML 3Page - PACELEADER INDUSTRIAL MMSZ5250B Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
o
AMIBIENT TEMPERATURE ( C)
o
JUNCTION TEMPERATURE ( C)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
FIG.1-TOTAL POWER DISSIPATION VS.
AMBIENT TEMPERATURE
FIG. 3-TYPICAL CHANGE OF WORKING VOLTAGE
VS. JUNCTION TEMPERATURE
FIG. 2-TYPICAL CHANGE OF WORKING VOLTAGE
o
UNDER OPERATING CONDITIONS AT TA =25 C
FIG. 4-TEMPERATURE COEFFICIENT OF VZ
VS. Z-VOLTAGE
FIG. 5-DIODE CAPACITANCE VS. Z-VOLTAGE
0
0
100
200
300
400
500
600
40
80
120
160
200
0
0
10
100
1000
5
10
15
20
25
-60
0.8
0
0.9
60
1.0
120
1.1
180
1.2
240
1.3
0
0
0
-5
0
5
10
15
10
20
30
40
50
50
100
150
200
5
10
15
20
25
-4
8 x 10 /K
I = 5mA
Z
I = 5mA
Z
-4
10 x 10 /K
-4
-4 x 10 /K
-4
-2 x 10 /K
0
-4
2 x 10 /K
-4
4 x 10 /K
-4
6 x 10 /K
Rating and characteristic curves (MMSZ5221 THRU MMSZ5262)
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
MMSZ5221B THRU MMSZ5262B
3
www.paceleader.tw


Similar Part No. - MMSZ5250B

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MMSZ5250B CHENDA-MMSZ5250B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5250B PANJIT-MMSZ5250B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5250B DIOTEC-MMSZ5250B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Pan Jit International I...
MMSZ5250B PANJIT-MMSZ5250B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
MMSZ5250B TSC-MMSZ5250B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5250B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMB5341B PACELEADER-SMB5341B Datasheet
458Kb / 3P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com