Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA6828M Datasheet(PDF) 4 Page - Sanken electric

Part # SLA6828M
Description  High Voltage 3-Phase Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6828M Datasheet(HTML) 4 Page - Sanken electric

  SLA6828M Datasheet HTML 1Page - Sanken electric SLA6828M Datasheet HTML 2Page - Sanken electric SLA6828M Datasheet HTML 3Page - Sanken electric SLA6828M Datasheet HTML 4Page - Sanken electric SLA6828M Datasheet HTML 5Page - Sanken electric SLA6828M Datasheet HTML 6Page - Sanken electric SLA6828M Datasheet HTML 7Page - Sanken electric SLA6828M Datasheet HTML 8Page - Sanken electric SLA6828M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High Voltage 3-Phase Motor Driver
SLA6828M
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Current
ICC
VCC = 15 V, IREG = 0 A
4
6
mA
Bootstrap Supply Current
IB
VB = 15 V, VHIN = 5 V
160
430
μA
Input Voltage
VIH
VCC = 15 V, output on
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.5
V
Input Current
IIH
High side, VCC = 15 V, VIN = 5 V
50
100
μA
IIL
Low side, VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out
VUVHL
High side, between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
0.5
V
VUVLL
Low side, between VCC and COM
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
0.5
V
FO Terminal Output Voltage
VFOL
VCC = 15 V
0
1.0
V
VFOH
4.0
5.5
V
Overtemperature Detection Threshold
Temperature (activation and
deactivation)
TDH
VCC = 15 V, no heatsink tab
135
150
165
°C
TDL
105
120
135
°C
TDhys
25
30
35
°C
Output Voltage for Regulator
VREG
IREG = 35 mA, TC = –20°C to 100°C
6.75
7.5
8.25
V
Bootstrap Diode Leakage Current
ILBD
VR = 500 V
5
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.15 A
1.1
1.3
V
Bootstrap Diode Series Resistor
RBD
–22–
Ω
MOSFET Breakdown Voltage
VDSS
VCC = 15 V, ID = 100 μA, VIN = 0 V
500
V
MOSFET Leakage Current
IDSS
VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
MOSFET On State Resistance
RDS(on)
VCC = 15 V, ID = 1.5 A, VIN = 5 V
2.0
2.4
Ω
MOSFET Diode Forward Voltage
VSD
VCC = 15 V, ISD = 1 A, VIN = 0 V
1
1.5
V
MOSFET Diode Recovery Time
trr
ISD = 1.5 A, di / dt = 100 A/μs
75
ns
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V
650
ns
trH
130
ns
tdH(off)
540
ns
tfH
–50–
ns
Switching Time, Low Side
tdL(on)
690
ns
trL
150
ns
tdL(off)
590
ns
tfL
–50–
ns
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Similar Part No. - SLA6828M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
More results

Similar Description - SLA6828M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com