Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8001FFE Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8001FFE
Description  DC-to-DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FFE Datasheet(HTML) 1 Page - Sanken electric

  SI-8001FFE Datasheet HTML 1Page - Sanken electric SI-8001FFE Datasheet HTML 2Page - Sanken electric SI-8001FFE Datasheet HTML 3Page - Sanken electric SI-8001FFE Datasheet HTML 4Page - Sanken electric SI-8001FFE Datasheet HTML 5Page - Sanken electric SI-8001FFE Datasheet HTML 6Page - Sanken electric SI-8001FFE Datasheet HTML 7Page - Sanken electric SI-8001FFE Datasheet HTML 8Page - Sanken electric SI-8001FFE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
SI-8001FFE
Description
The SI-8001FFE DC voltage regulator is a DC-to-DC buck
convertor that attains an oscillation frequency of 300 kHz,
and has an integrated miniaturized choke coil, allowing it to
serve as a small, high efficiency power supply in a compact
TO220F package.
The internal switching regulator function provides high
efficiencyswitchingregulationwithoutanyneedforadjustment.
The device requires only six external support components. The
optional soft start function requires an additional capacitor.
Optional on/off control can be performed using a transistor.
The SI-8001FFE includes overcurrent and overtemperature
protection circuits.
Applications include:
▪ DVD recorder
▪ FPD TV
▪ Telecommunications equipment
▪ Office automation equipment, such as printers
▪ On-board local power supply
▪ Output voltage regulator for second stage of SMPS
(switched mode power supply)
Features and Benefits
▪ 3.5 A output current supplied in a small, through-hole
mount power package
▪ High efficiency: 83% at VIN= 15 V, IO= 2.0 A,VO= 5 V
▪ Requires only six external components (optional soft
start requires an additional capacitor)
▪ Oscillation circuit built-in (frequency 300 kHz typical)
▪ Constant-current mode overcurrent protection circuit and
overtemperature protection circuit built-in
▪ Soft start function built-in (can be implemented as an
on/off function; output-off state at low level)
▪ Low current consumption during output-off state
DC-to-DC Step-Down Converter
Package: TO220F-5
Not to scale
Functional Block Diagram
Latch and
Driver
Overcurrent
Protection
Overtemperature
Protection
Reference
Voltage
Osc
Reset
Comparator
Error
Amplifier
VIN
1
3
4
2
VOUT
Di
C2
C1
GND
ADJ
SW
IN
R1
R2
L1
PReg
On/Off
Soft Start
5
C3
SS
Di
RK-46
(Sanken)
27469.057


Similar Part No. - SI-8001FFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
More results

Similar Description - SI-8001FFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com