Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08LG32J0VLK Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # S9S08LG32J0VLK
Description  8-bit HCS08 Central Processor Unit (CPU)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08LG32J0VLK Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  S9S08LG32J0VLK Datasheet HTML 1Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 2Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 3Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08LG32J0VLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MC9S08LG32 Series Data Sheet, Rev. 7
Pin Assignments
Freescale Semiconductor
4
1
Pin Assignments
This section shows the pin assignments for the MC9S08LG32 series devices. The priority of functions on a pin is in ascending
order from left to right and bottom to top. Another view of pinouts and function priority is given in Table 2
.
Table 1. MC9S08LG32 Series Features by MCU and Package
Feature
MC9S08LG32
MC9S08LG16
Flash size (bytes)
32,768
18,432
RAM size (bytes)
1984
Pin quantity
80
64
48
64
48
ADC
16 ch
12 ch
9 ch
12 ch
9 ch
LCD
8 x 37
4 x 41
8 x 29
4 x 33
8 x 21
4 x 25
8 x 29
4 x 33
8 x 21
4 x 25
ICE + DBG
yes
ICS
yes
IIC
yes
IRQ
yes
KBI
8 pin
GPIOs
695339
53
39
RTC
yes
MTIM
yes
SCI1
yes
SCI2
yes
SPI
yes
TPM1 channels
2
TPM2 channels
6
XOSC
yes


Similar Part No. - S9S08LG32J0VLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
3Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   MC9S08AW60 Features
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
5Mb / 330P
   HCS08 Microcontrollers
More results

Similar Description - S9S08LG32J0VLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com