Electronic Components Datasheet Search |
|
MPC8533VTALXB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MPC8533VTALXB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 116 page MPC8533E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 4 Freescale Semiconductor MPC8533E Overview – Two key (K1, K2, K1) or three key (K1, K2, K3) – ECB and CBC modes for both DES and 3DES — AESU—Advanced Encryption Standard unit – Implements the Rijndael symmetric key cipher – ECB, CBC, CTR, and CCM modes – 128-, 192-, and 256-bit key lengths — AFEU—ARC four execution unit – Implements a stream cipher compatible with the RC4 algorithm – 40- to 128-bit programmable key — MDEU—message digest execution unit – SHA with 160- or 256-bit message digest – MD5 with 128-bit message digest – HMAC with either algorithm — KEU—Kasumi execution unit – Implements F8 algorithm for encryption and F9 algorithm for integrity checking – Also supports A5/3 and GEA-3 algorithms — RNG—random number generator — XOR engine for parity checking in RAID storage applications • Dual I2C controllers — Two-wire interface — Multiple master support — Master or slave I2C mode support — On-chip digital filtering rejects spikes on the bus • Boot sequencer — Optionally loads configuration data from serial ROM at reset via the I2C interface — Can be used to initialize configuration registers and/or memory — Supports extended I2C addressing mode — Data integrity checked with preamble signature and CRC • DUART — Two 4-wire interfaces (SIN, SOUT, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • Local bus controller (LBC) — Multiplexed 32-bit address and data bus operating at up to 166 MHz — Eight chip selects support eight external slaves — Up to eight-beat burst transfers — The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller. — Two protocol engines available on a per chip select basis: |
Similar Part No. - MPC8533VTALXB |
|
Similar Description - MPC8533VTALXB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |