Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08FL16 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC9S08FL16
Description  8-Bit S08 Central Processor Unit (CPU)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08FL16 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC9S08FL16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08FL16 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Electrical Characteristics
MC9S08FL16 Series Data Sheet, Rev. 2
Freescale Semiconductor
9
5
Electrical Characteristics
5.1
Introduction
This section contains electrical and timing specifications for the MC9S08FL16 series of microcontrollers
available at the time of publication.
5.2
Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the following classification is used and the parameters are tagged
accordingly in the tables where appropriate:
NOTE
The classification is shown in the column labeled “C” in the parameter
tables where appropriate.
5.3
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not
guaranteed. Stress beyond the limits specified in Table 3 may affect device reliability or cause permanent
damage to the device. For functional operating conditions, refer to the remaining tables in this section.
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for instance, either VSS or VDD) or the programmable
pullup resistor associated with the pin is enabled.
Table 2. Parameter Classifications
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically relevant
sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical devices
under typical conditions unless otherwise noted. All values shown in the typical column are within this
category.
D
Those parameters are derived mainly from simulations.


Similar Part No. - MC9S08FL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08FL16 FREESCALE-MC9S08FL16 Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
logo
Freescale Semiconductor...
MC9S08FL16CBM FREESCALE-MC9S08FL16CBM Datasheet
443Kb / 34P
   Up to 20 MHz CPU at 4.5 V to 5.5 V across temperature range of ??0 째C to 85 째C
More results

Similar Description - MC9S08FL16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08PT16 NXP-MC9S08PT16 Datasheet
902Kb / 37P
   8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
MC9S08FL16 NXP-MC9S08FL16 Datasheet
461Kb / 30P
   8-Bit S08 Central Processor Unit (CPU)
Rev. 4, 5/2015
MC9S08PL16S NXP-MC9S08PL16S Datasheet
670Kb / 30P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
S9S08RN60 NXP-S9S08RN60 Datasheet
687Kb / 36P
   8-Bit S08 central processor unit (CPU)
Rev. 1, 01/2014
logo
Freescale Semiconductor...
MC9S08FL8CBM FREESCALE-MC9S08FL8CBM Datasheet
443Kb / 34P
   8-Bit S08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08PB16 NXP-MC9S08PB16 Datasheet
724Kb / 32P
   8-Bit S08 central processor unit (CPU)
Rev. 2.1, 11/2019
MC9S08PA4 NXP-MC9S08PA4 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 8, 08/2018
MC9S08PL60 NXP-MC9S08PL60 Datasheet
504Kb / 29P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL4 NXP-MC9S08PL4 Datasheet
471Kb / 25P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
MC9S08PL16 NXP-MC9S08PL16 Datasheet
438Kb / 27P
   8-Bit S08 central processor unit
Rev. 1, 04/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com