Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGL341G Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # EGL341G
Description  SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

EGL341G Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  EGL341G Datasheet HTML 1Page - PACELEADER INDUSTRIAL EGL341G Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES EGL341A THRU EGL341J
EGL341A thru EGL341J
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
FIG. 5
(
)
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
FIG. 2 - MAXIMUM NON - REPETITIVE PEAK
FORWARD SURGE CURRENT
1.2
12
10
8.0
6.0
4.0
2.0
10
1
0.1
0.01
0
1
10
100
1.0
0.8
0.6
0.4
0.2
0
100
100
10
10
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
100
1
1
0.1
0.01
0
20
40
60
80
100
1
0
20
40
60
80
100
120
140
160
0.2*0.2"(5.0*5.0mm)
COPPER PAD AREAS
RESISTIVEORINDUCTIVELOAD
o
Ta( C)
o
Tamb, ambient temperature ( C)
NUMBER OF CYCLES AT 60Hz
¤Ï¦V¹qÀ£
REVERSE VOLTAGE. (V)
¦V¹qÀ£ VF(V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
¦V¹qÀ£
PERCENT OF RATED PEAK
REVERSE VOLTAGE. (%)
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIER CURRENT
T =T max.
JJ
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 3 -TYPICAL JUNCTION CAPACITANCE
o
TJ=25 C
EGL341A---EGL341D
EGL341F---EGL341G
EGL341J
o
TJ=25 C
PULSE WIDTH=300
s
1% DUTY CYCLE
o
TJ=125 C
o
TJ=100 C
o
TJ=25 C
o
TJ=150 C
www.paceleader.com.tw


Similar Part No. - EGL341G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
EGL341G LUGUANG-EGL341G Datasheet
204Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - EGL341G

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
EGL34A PACELEADER-EGL34A Datasheet
179Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SWITCHING RECTIFIER
logo
Zibo Seno Electronic En...
EABS151 ZSELEC-EABS151 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMS1S ZSELEC-EMS1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
ES3AV RECTRON-ES3AV Datasheet
389Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
UFM207 RECTRON-UFM207 Datasheet
222Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
EFM201 RECTRON-EFM201_06 Datasheet
528Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Zibo Seno Electronic En...
EMB1S ZSELEC-EMB1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1F ZSELEC-EMB1F Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
ES2AAV RECTRON-ES2AAV Datasheet
361Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
ES1AV RECTRON-ES1AV Datasheet
246Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com