Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8379CVRANDA Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8379CVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379CVRANDA Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8379CVRANDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8379CVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 114 page
background image
MPC8379E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
9
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the device.
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
2.1.3
Output Driver Characteristics
Table 4 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
Table 4. Output Drive Capability
Driver Type 1
1
Specialized SerDes output capabilities are described in the relevant section of the specification (such as SATA)
Output Impedance (
Ω)
Supply Voltage
Local bus interface utilities signals
45
LBVDD = 2.5 V, 3.3 V
40
LBVDD = 1.8 V
PCI signals
25
OVDD = 3.3 V
DDR1 signal
18
GVDD = 2.5 V
DDR2 signal
18
GVDD = 1.8 V
eTSEC 10/100/1000 signals
45
LVDD = 2.5 V, 3.3 V
DUART, system control, I2C, JTAG, SPI, and USB
45
OVDD = 3.3 V
GPIO signals
45
OVDD = 3.3 V
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tinterface1
1. Note that tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:
2. Please note that with the PCI overshoot allowed (as specified above), the device does
not fully comply with the maximum AC ratings and device protection guideline outlined in
the
PCI Rev. 2.3 Specification (Section 4.2.2.3).


Similar Part No. - MPC8379CVRANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 116P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_10 Datasheet
1Mb / 116P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
More results

Similar Description - MPC8379CVRANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com