Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8379CZQANDA Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8379CZQANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379CZQANDA Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8379CZQANDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8379CZQANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 114 page
background image
MPC8379E PowerQUICCII Pro Processor Hardware Specifications, Rev. 2
8
Freescale Semiconductor
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 3 provides the recommended operating conditions for the device. Note that the values in Table 3 are
the recommended and tested operating conditions. Proper device operation outside of these conditions is
not guaranteed.
Table 3. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
up to 667 MHz
VDD
1.0 ± 50 mV
V
1
800 MHz
1.05 ± 50 mV
V
1
PLL supply voltage (e300 core, system, and
eLBC)
up to 667 MHz
AVDD
1.0 ± 50 mV
V
1
800 MHz
1.05 ± 50 mV
V
1
DDR1 and DDR2 DRAM I/O voltage
GVDD
2.5 V ± 125 mV
1.8 V ± 90 mV
V1
Three-speed Ethernet I/O, MII management voltage
LVDD[1,2]
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
PCI, local bus, DUART, system control and power management, I2C, and
JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V
1
Local Bus
LBVDD
1.8 V ± 90 mV
2.5 V ± 125 mV
3.3 V ± 165 mV
V—
SerDes
up to 667 MHz
L[1,2]_
nVDD
1.0 ± 50 mV
V
1, 2
800 MHz
1.05 V ± 50 mV
V
1, 2
Operating temperature range
commerical
Ta
Tj
Ta=0 (min)—
Tj=125 (max)
°C—
extended temperature
Ta
Tj
Ta=–40 (min)—
Tj=125 (max)
°C—
Notes:
1 GV
DD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
2 L[1,2]_nV
DD, SDAVDD_0, XCOREVDD, and XPADVDD power inputs.


Similar Part No. - MPC8379CZQANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 116P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
MPC8379E FREESCALE-MPC8379E_10 Datasheet
1Mb / 116P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E_12 Datasheet
2Mb / 117P
   PowerQUICC II Pro Processor
More results

Similar Description - MPC8379CZQANDA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
   PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
   PowerQUICC??II Pro Processor Hardware Specifications
KMPC8315CVRAGDA FREESCALE-KMPC8315CVRAGDA Datasheet
667Kb / 106P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E_10 Datasheet
2Mb / 126P
   PowerQUICC II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com