Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5808MXZ Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV5808MXZ
Description  Bi-CMOS IC Step-down Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5808MXZ Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV5808MXZ Datasheet HTML 1Page - Sanyo Semicon Device LV5808MXZ Datasheet HTML 2Page - Sanyo Semicon Device LV5808MXZ Datasheet HTML 3Page - Sanyo Semicon Device LV5808MXZ Datasheet HTML 4Page - Sanyo Semicon Device LV5808MXZ Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LV5808MXZ
No.A1614-2/5
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VIN pin voltage
VIN
8 to 28
V
BOOT pin voltage
VBT
-0.3 to 33
V
SW pin voltage
VSW
-0.4 to VIN
V
BOOT pin-SW pin maximum
voltage
VBS-SW
6.5
V
FB, COMP, SS pin voltage
VFSO
6
V
Electrical Characteristics at Ta
= 25°C, VIN = 12V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
IC current drain at standby
ICC1
EN=0V
70
μA
IC current drain in operation
ICC2
EN=open
5
mA
Efficiency
Effcy
VIN=12V, IOUT=1A, Vo=5V, Design target *1
90
%
Reference voltage
Vref
VIN=8V to 28V (±2%)
-2%
0.8
+2%
V
FB pin bias current
Iref
FB=0.8V application
10
100
nA
High-side ON resistance
RonH
BOOT=5V
0.3
Ω
Low-side ON resistance
RonL
6
Ω
Oscillation frequency
fOSC
296
370
444
kHz
Oscillation frequency during
short-circuit protection
fOSCS
22
32
42
kHz
EN high-threshold voltage
Venh
1.9
V
EN low-threshold voltage
Venl
0.8
V
EN pull-up current
Ien
EN=0V
16
μA
Maximum ON DUTY
D max
80
%
Current limit peak value 1
Icl1
VIN=12V, VOUT=5V, L=10μH
3
A
Thermal shutdown temperature
Ttsd
*Design guarantee *2
160
°C
Thermal shutdown temperature
hysteresis
Dtsd
*Design guarantee *2
40
°C
Soft start current
ISS
SS=0V
6
10
14
μA
*1: Reference value (not tested before shipment)
*2: Design guarantee (value guaranteed by design and not tested before shipment)


Similar Part No. - LV5808MXZ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5808MX SANYO-LV5808MX Datasheet
137Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
More results

Similar Description - LV5808MXZ

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5808MX SANYO-LV5808MX Datasheet
137Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5841M SANYO-LV5841M Datasheet
238Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5803M SANYO-LV5803M Datasheet
115Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5743V SANYO-LV5743V Datasheet
75Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5744V SANYO-LV5744V Datasheet
77Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5990M SANYO-LV5990M Datasheet
227Kb / 6P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator
LV5066V SANYO-LV5066V Datasheet
109Kb / 5P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator Controller
logo
New Japan Radio
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
   PWM control Step-Down switching regulator IC
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
   300mA Synchronous Step-Down switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
   PWM control Step-Down switching regulator IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com