Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP108 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ATP108
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP108 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ATP108 Datasheet HTML 1Page - Sanyo Semicon Device ATP108 Datasheet HTML 2Page - Sanyo Semicon Device ATP108 Datasheet HTML 3Page - Sanyo Semicon Device ATP108 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ATP108
No. A1604-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.5
--2.6
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--35A
65
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--35A, VGS=--10V
8
10.4
RDS(on)2
ID=--18A, VGS=--4.5V
11.5
16.5
Input Capacitance
Ciss
VDS=--20V, f=1MHz
3850
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
560
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
390
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
19
ns
Rise Time
tr
See specified Test Circuit.
340
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
340
ns
Fall Time
tf
See specified Test Circuit.
290
ns
Total Gate Charge
Qg
VDS=--20V, VGS=--10V, ID=--70A
79.5
nC
Gate-to-Source Charge
Qgs
VDS=--20V, VGS=--10V, ID=--70A
20
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--20V, VGS=--10V, ID=--70A
15
nC
Diode Forward Voltage
VSD
IS=--70A, VGS=0V
--1.05
--1.5
V
Package Dimensions
unit : mm (typ)
7057-001
Switching Time Test Circuit
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --35A
RL=0.57Ω
VDD= --20V
VOUT
VIN
0V
--10V
VIN
ATP108


Similar Part No. - ATP108

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP108 ONSEMI-ATP108 Datasheet
345Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP108-TL-H SANYO-ATP108-TL-H Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP108-TL-H ONSEMI-ATP108-TL-H Datasheet
345Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP108 SANYO-ATP108_12 Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP108

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com