Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1112 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1112
Description  8-IN 4-OUT STEREO AUDIO SELECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1112 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1112 Datasheet HTML 1Page - New Japan Radio NJW1112 Datasheet HTML 2Page - New Japan Radio NJW1112 Datasheet HTML 3Page - New Japan Radio NJW1112 Datasheet HTML 4Page - New Japan Radio NJW1112 Datasheet HTML 5Page - New Japan Radio NJW1112 Datasheet HTML 6Page - New Japan Radio NJW1112 Datasheet HTML 7Page - New Japan Radio NJW1112 Datasheet HTML 8Page - New Japan Radio NJW1112 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NJW1112
– 3 –
Ver.0.2
ABSOLUTE MAXIMUM RATING
(Ta=25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Power Supply Voltage
V
+
+8/-8
V
Maximum Input Voltage
VIM
V
+/V-
V
Power Dissipation
PD
800
NOTE: EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +125
°C
RECOMMENDED OPERATING CONDITIONS
(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+/V-
-
±4.5
±7.0
±7.5
V
ELECTRICAL CHARACTERISTICS
♦Power Supply (Ta=25°C, V+/V-=±7V)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Current 1
ICC
V
+, No Signal
7.0
14.0
21.0
mA
Supply Current 2
IEE
V
-, No Signal
7.0
14.0
21.0
mA
♦AC CHARACTERISTICS (Ta=25°C, V+/V-=±7V, VIN=2Vrms,f=1kHz,RL=47k)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Maximum Output Voltage
VOM
THD=1%
11.1
(3.6)
12.9
(4.4)
-
dBV
(Vrms)
Voltage Gain
GV
-
-1.0
0
1.0
dB
Total Harmonic Distortion 1
THD1
BW=400Hz-30kHz
-
0.001
0.02
Total Harmonic Distortion 2
THD2
Vin=1Vrms,
BW=400Hz-30kHz
-
0.0007
-
Total Harmonic Distortion 3
THD3
f=10kHz, BW=400Hz-30kHz
-
0.002
-
%
Mute Level
ATT
Selector=Mute, A-weighted
-
-120
-
dB
Output Noise
VNO
Rg=0
Ω, A-Weighted
-
-119
(1.1)
-110
(3.2)
dBV
(
µVrms)
Cross Talk 1
CT1
Rg=0
Ω, A-Weighted
-
-120
-
Cross Talk 2
CT2
Rg=0
Ω, f=20kHz
-
-100
-
dB
Channel Separation 1
CS1
Rg=0
Ω, A-Weighted
-
-116
-90
Channel Separation 2
CS2
Rg=0
Ω, f=20kHz
-
-96
-
dB
Output impedance
ROUT
Output Switch = ON
-
15
30
BW: Band Width
♦Logic Control Characteristics (Ta=25°C, V+/V-=±7V)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
High Level Input Voltage
VH
ADR, LATCH, DATA, CLOCK
Terminal
2.5
-
V
+
Low Level Input Voltage
VL
ADR, LATCH, DATA, CLOCK
Terminal
0
-
1.5
V


Similar Part No. - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1110V NJRC-NJW1110V Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111V NJRC-NJW1111V Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
More results

Similar Description - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
   2-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
   Digital Audio Interface Receiver with Stereo ADC and Audio Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com