Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1110V Datasheet(PDF) 8 Page - New Japan Radio

Part # NJW1110V
Description  9-Input 3-Output Stereo Audio Selector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1110V Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJW1110V Datasheet HTML 3Page - New Japan Radio NJW1110V Datasheet HTML 4Page - New Japan Radio NJW1110V Datasheet HTML 5Page - New Japan Radio NJW1110V Datasheet HTML 6Page - New Japan Radio NJW1110V Datasheet HTML 7Page - New Japan Radio NJW1110V Datasheet HTML 8Page - New Japan Radio NJW1110V Datasheet HTML 9Page - New Japan Radio NJW1110V Datasheet HTML 10Page - New Japan Radio NJW1110V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NJW1110
– 8 –
!
!
!
!
APPLICATION CIRCUIT
26
25
24
32
31
30
29
28
27
19
18
17
23
22
21
20
7
8
9
1
2
3
4
5
6
14
15
16
10
11
12
13
Vref
I2C
Control
Logic
+
+
+
+
+
+
+
+
+
+
GND
+
10µF10µF10µF10µF
10µF
100µF
10µF10µF10µF10µF
10µF
InA1
InA2
InA3
InA4
OutA3
InB1
InB2
InB3
InB4
V+
SCL
SDA
8dB to 3dB
/ 0.5dBstep
Gain
8dB to 3dB
/ 0.5dBstep
Gain
GND
ADR
+
10µF
OutA2
+
10µF
OutA1
+
10µF
+
10µF
OutB3
OutB2
OutB1
+
10µF
8dB to 3dB
/ 0.5dBstep
Gain
8dB to 3dB
/ 0.5dBstep
Gain
8dB to 3dB
/ 0.5dBstep
Gain
8dB to 3dB
/ 0.5dBstep
Gain
+
10µF
InB5
+
10µF
InB6
+
10µF
InB7
+
10µF
InB8
+
10µF
InB9
+
+
+
+
10µF10µF10µF10µF
InA5
InA6
InA7
InA8
+
10µF
InA9
GND
50KΩX18
MUTE
MUTE


Similar Part No. - NJW1110V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111V NJRC-NJW1111V Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1112 NJRC-NJW1112 Datasheet
293Kb / 13P
   8-IN 4-OUT STEREO AUDIO SELECTOR
NJW1112V NJRC-NJW1112V Datasheet
293Kb / 13P
   8-IN 4-OUT STEREO AUDIO SELECTOR
More results

Similar Description - NJW1110V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
   2-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
logo
New Japan Radio
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
   AUDIO PROCESSOR with Input Selector and Subwoofer Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com