Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26904V-C2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU26904V-C2
Description  Digital Audio Delay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26904V-C2 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJU26904V-C2 Datasheet HTML 2Page - New Japan Radio NJU26904V-C2 Datasheet HTML 3Page - New Japan Radio NJU26904V-C2 Datasheet HTML 4Page - New Japan Radio NJU26904V-C2 Datasheet HTML 5Page - New Japan Radio NJU26904V-C2 Datasheet HTML 6Page - New Japan Radio NJU26904V-C2 Datasheet HTML 7Page - New Japan Radio NJU26904V-C2 Datasheet HTML 8Page - New Japan Radio NJU26904V-C2 Datasheet HTML 9Page - New Japan Radio NJU26904V-C2 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NJU26904
- 6 -
Ver.2008-12-02
ElectricCharacteristics
Table 3 Electric Characteristics
( VDD=3.3V, fOSC=12.288MHz, Ta=25
°°°°C )
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Operating Voltage
*1
VDD
VDD pin
3.0
3.3
3.6
V
Operating Current
IDD
At no load
-
20
35
mA
High Level Input Voltage
VIH
VDD x 0.7
-
VDD
*2
Low Level Input Voltage
VIL
0
-
VDDx 0.3
High Level Output Voltage
*3
VOH
(IOH= -1mA)
VDD x 0.8
-
VDD
Low Level Output Voltage
VOL
(IOL= 1mA)
0
-
VDDx 0.2
V
IIN
-10
-
10
IIN(PU)
-120
-
10
Leakage Current
*4
IIN(PD)
VIN = VSS to VDD
-10
-
120
µA
Clock Frequency
fOSC
10
12.288
13
MHz
Clock Jitter
*5
fJIT(CC)
0
-
3.0
ns
Clock Duty Cycle
rEC
CLK, MCK
*6
45
50
55
%
*1
Supply voltage must be within recommended operating voltage. Furthermore supplying power voltage must be
linear, quick and smooth to prevent abnormal operation.
Once the power supply is set up, supply voltage must be kept
within the operating voltage range. After setting up the power supply, even if the supply voltage dropped off and
recovered to normal range, reset function and the all following operations can not be guaranteed. After using this
DSP, power supply must be dropped to VSSlevel.
*2 Input pin, Output pin and Open-Drain input/output pin are +5.0V tolerant except CLK input pin.
*3 Except No.18pin: WDC (Open-Drain output) and No.22: SDA (Open-Drain input/output).
*4 I IN(PU): 18pin, I IN(PD) : 15, 16, 17, 24 pin
*5 Clock Jitter shows Cycle-to-cycle period jitter (JEDEC JESD65).
*6 Provide clock frequency for fOSC spec. NJU26904 needs clock frequency 12.288MHz when sampling rate is 48kHz.


Similar Part No. - NJU26904V-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26901E2 NJRC-NJU26901E2 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26902 NJRC-NJU26902 Datasheet
210Kb / 11P
   Digital Audio Delay
NJU26902VM1 NJRC-NJU26902VM1 Datasheet
210Kb / 11P
   Digital Audio Delay
More results

Similar Description - NJU26904V-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26902 NJRC-NJU26902 Datasheet
210Kb / 11P
   Digital Audio Delay
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Mitsubishi Electric Sem...
M65830BP MITSUBISHI-M65830BP Datasheet
73Kb / 14P
   DIGITAL DELAY
logo
Micronas
MAD4868A MICRONAS-MAD4868A Datasheet
782Kb / 24P
   Micronas Audio Delay
May 11, 2004
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com