Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26203V Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU26203V
Description  Dolby Pro Logic II Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26203V Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU26203V Datasheet HTML 3Page - New Japan Radio NJU26203V Datasheet HTML 4Page - New Japan Radio NJU26203V Datasheet HTML 5Page - New Japan Radio NJU26203V Datasheet HTML 6Page - New Japan Radio NJU26203V Datasheet HTML 7Page - New Japan Radio NJU26203V Datasheet HTML 8Page - New Japan Radio NJU26203V Datasheet HTML 9Page - New Japan Radio NJU26203V Datasheet HTML 10Page - New Japan Radio NJU26203V Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NJU26203
- 9 -
Ver.2008-12-10
Pin setting
The NJU26203 operates default command setting after resetting the NJU26203. In addition, the NJU26203
restricts operation at power on by setting PROC pin and MUTEb pin. These pins are input pin. However, these pins
operate as bi-directional pins. Connect with VDDIO or VSSIO through 3.3kresistance.
Table 7
Pin setting
Pin No.
Symbol
Setting
Function
“High”
The NJU26203 operates default setting after reset.
13
PROC
“Low”
The NJU26203 does not operate after reset. Sending start
command is required for starting operation.
“High”
Master volume is set 0dB after reset.
11
MUTEb
“Low”
Master volume is set mute after reset.
WatchDog Clock
The NJU26203 outputs clock pulse through WDC (Pin No.12) during normal operation. The WDC clock is useful
to check the status of the NJU26203 operation. For example, a microcomputer monitors the WDC clock and checks
the status of the NJU26203. When the WDC clock pulse is lost or not normal clock cycle, the NJU26203 does not
operate correctly. Then reset the NJU26203 and set up the NJU26203 again. The WDC clock is able to be variable
for 0msec to 100msec by command. Default setting of WDC clock is 100msec.
The WDC pin is open drain output. The WDC pin setting (Table 8)
Table 8 WDC pin setting
Note:
The cycle of WDC output is rough. Because WDC output inserts in the process of sound processing.
In slave mode, when there is no input of BCKI/LRI, WDC can’t output.
It is required to set up a sampling rate correctly.
Pin No.
Symbol
Setting
WDC pin is used.
Connect with VDDIO through 3.3kresistance.
12
WDC
WDC pin is not used.
Connect with VSSIO through 3.3kresistance.
Do not open WDC pin.


Similar Part No. - NJU26203V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJU26203AV NJRC-NJU26203AV Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
More results

Similar Description - NJU26203V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
NJW1106 NJRC-NJW1106 Datasheet
150Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Mitsubishi Electric Sem...
M62462FP MITSUBISHI-M62462FP Datasheet
112Kb / 13P
   Dolby Pro Logic Surround Decoder
M62464AFP MITSUBISHI-M62464AFP Datasheet
247Kb / 22P
   Dolby Pro Logic Surround Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com