Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5643LF0VLQ1R Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0VLQ1R
Description  MPC5643L Microcontroller Data Sheet
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0VLQ1R Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SPC5643LF0VLQ1R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LF0VLQ1R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
4
Memory
Code/data flash
1 MB, ECC, RWW
Static RAM
128 KB, ECC
Modules
Interrupt controller
16 interrupt levels, replicated module
Periodic Interrupt Timer (PIT)
1 × 4 channels
System timer module
1 × 4 channels, replicated module
Software watchdog timer
Yes, replicated module
eDMA
16 channels, replicated module
FlexRay
1 × 64 message buffer, dual channel
FlexCAN
2 × 32 message buffer
LINFlex (UART and LIN)
2
Clock out
Yes
Fault control & collection unit (FCCU)
Yes
Cross triggering unit (CTU)
Yes
eTimer
3 × 6 channels1
FlexPWM
2 Module 4 × (2 + 1) channels2
ADC
2 × 12-bit ADC, 16 channels per ADC
(3 internal, 4 shared and 9 external)
Sine-wave generator
32 point
DSPI
3 × DSPI
as many as 8 chip selects
Cyclic redundancy checker (CRC) unit
Yes
Junction temperature sensor with analog
comparator
Yes, replicated module
Digital I/Os
≥ 16
Supply
Device power supply
3.3 V with integrated bypassable ballast
transistor
External ballast transistor not needed for bare
die
Analog reference voltage
3.0 V – 3.6 V and 4.5 V – 5.5 V
Clocking
Frequency-modulated phase-locked loop (FMPLL)
2
Internal RC oscillator
16 MHz
External crystal oscillator
4 – 40 MHz
Debug
Nexus
Level 3+
Table 1. MPC5643L device summary (continued)
Feature
MPC5643L


Similar Part No. - SPC5643LF0VLQ1R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5643LF2MLQ1 FREESCALE-SPC5643LF2MLQ1 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ1 NXP-SPC5643LF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ1R NXP-SPC5643LF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LF2MLQ8 FREESCALE-SPC5643LF2MLQ8 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ8 NXP-SPC5643LF2MLQ8 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LF0VLQ1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
   MPC5674F Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com