Electronic Components Datasheet Search |
|
MPC8378EZQAGFA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
MPC8378EZQAGFA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 126 page MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 6 Freescale Semiconductor Electrical Characteristics 1.10 PCI Express® Controller The PCI Express® controller includes the following features: • PCI Express 1.0a compatible •Two ×1 links or one ×2 link width • Auto-detection of number of connected lanes • Selectable operation as root complex or endpoint • Both 32- and 64-bit addressing • 128-byte maximum payload size • Support for MSI and INTx interrupt messages • Virtual channel 0 only • Selectable Traffic Class • Full 64-bit decode with 32-bit wide windows • Dedicated four channel descriptor-based DMA engine per interface 1.11 Enhanced Secured Digital Host Controller (eSDHC) The enhanced SD Host Controller (eSDHC) has the following features: • Conforms to SD Host Controller Standard Specification, Rev 2.0 with Test Event register support. • Compatible with the MMC System Specification, Rev 4.0 • Compatible with the SD Memory Card Specification, Rev 2.0, and supports High Capacity SD memory cards • Compatible with the SDIO Card Specification Rev, 1.2 • Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC, MMCplus, MMC 4x, and RS-MMC cards • SD bus clock frequency up to 50 MHz • Supports 1-/4-bit SD and SDIO modes, 1-/4-bit MMC modes • Supports internal DMA capabilities 2 Electrical Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC8378E. The device is currently targeted to these specifications. Some of these specifications are independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer design specifications. 2.1 Overall DC Electrical Characteristics This section covers the ratings, conditions, and other characteristics. |
Similar Part No. - MPC8378EZQAGFA |
|
Similar Description - MPC8378EZQAGFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |