Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7036 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7036
Description  High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7036 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7036 Datasheet HTML 1Page - New Japan Radio NJU7036 Datasheet HTML 2Page - New Japan Radio NJU7036 Datasheet HTML 3Page - New Japan Radio NJU7036 Datasheet HTML 4Page - New Japan Radio NJU7036 Datasheet HTML 5Page - New Japan Radio NJU7036 Datasheet HTML 6Page - New Japan Radio NJU7036 Datasheet HTML 7Page - New Japan Radio NJU7036 Datasheet HTML 8Page - New Japan Radio NJU7036 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NJU7036
- 2 -
E2 20090121
I
I
I
I ABSOLUTE MAXIMUM RATINGS
Ta=25˚C
*1 ) EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 4layers, FR-4) mounting
*2 ) EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 2layers, FR-4) mounting
*3) The back pad is mounted.
*4) If the supply voltage VDD is less than 7V, the input voltage must not over the VDD level through 7V is limit specified.
I
I
I
I RECOMMENDED OPERATING CONDITION
Ta=25˚C
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
2.7 to 5.5
V
I
I
I
I ELECTRICAL CHARACTERISTICS
VDD=5V, VSS=0V,VIC=2.5V,RL=8
Ω(connected VDD /2),Ta=25˚C
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
G
G
G
G DC CHARACTERISTICS
VOH1
Isource=250mA
4.85
4.90
-
V
VOH2
Isource=150mA
4.88
4.94
-
V
VOH3
Isource=50mA
4.92
4.98
-
V
VOL1
Isink=250mA
-
0.10
0.15
V
VOL2
Isink=150mA
-
0.06
0.12
V
Maximum Output Voltage
*
RL=OPEN
VOL3
Isink=50mA
-
0.02
0.08
V
Input Offset Voltage
Vio
-
2
10
mV
Input Bias Current
IB
-
1
-
pA
Input Offset Current
IIO
-
1
-
pA
Large Signal Voltage Gain
AV
Vo= VDD /2±2V
80
100
-
dB
Common Mode Rejection Ratio
CMR
VICM=0V to 3.8V
60
80
-
dB
Supply Voltage Rejection Ratio
SVR
VDD =2.7V to 5.5V
60
80
-
dB
Input Common Mode Voltage Range
VICM
CMR≥60dB
0
-
3.8
V
Operating Current
IDD
No Signal,RL=open
-
3.5
5.3
mA
G
G
G
G AC CHARACTERISTICS
Unity Gain Bandwidth
fT
GV=6dB, CL=10pF
-
0.4
-
MHz
Equivalent Input Noise Voltage
VNI
f=1kHz, GV=6dB,
Rs=100
Ω,
-
60
-
nV/√Hz
Total Harmonic Distortion
THD
GV=6dB, CL=10pF
fin=1kHz, Po=250mW
-
0.03
-
%
(THD+N)
Output Power
Po
GV=6dB, CL=10pF
fin=1kHz, THD≤5%
-
400
-
mW
Channel Separasion
CS
f=1kHz
-
90
-
dB
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
7.0
V
EMP14:890 *1) ,1300 *2)
Power Dissipation
PD
PCSP20 *3):550 *1), 1080 *2)
mW
Output Peak Current
IOP
500
mA
Input Common Mode Voltage
VICM
-0.3 to 7.0 *4)
V
Differential Input Voltage
VID
±7 *4)
V
Operating Temperature Range
Topr
-40 to +85
˚C
Storage Temperature Range
Tstg
-55 to +150
˚C


Similar Part No. - NJU7036

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7031 NJRC-NJU7031 Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7031D NJRC-NJU7031D Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7031M NJRC-NJU7031M Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7031V NJRC-NJU7031V Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
NJU7032 NJRC-NJU7032 Datasheet
226Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER??????
More results

Similar Description - NJU7036

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU77902 NJRC-NJU77902 Datasheet
780Kb / 14P
   High Output Current, Rail-to-Rail Input/Output Dual CMOS Operational Amplifier
Ver.2014-08-28
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Analog Devices
OP450 AD-OP450_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP-150 AD-OP-150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP250 AD-OP250_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com