Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE24L162 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE24L162
Description  CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L162 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE24L162 Datasheet HTML 3Page - Sanyo Semicon Device LE24L162 Datasheet HTML 4Page - Sanyo Semicon Device LE24L162 Datasheet HTML 5Page - Sanyo Semicon Device LE24L162 Datasheet HTML 6Page - Sanyo Semicon Device LE24L162 Datasheet HTML 7Page - Sanyo Semicon Device LE24L162 Datasheet HTML 8Page - Sanyo Semicon Device LE24L162 Datasheet HTML 9Page - Sanyo Semicon Device LE24L162 Datasheet HTML 10Page - Sanyo Semicon Device LE24L162 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LE24L162
6 EEPROM write operation
6-1. Byte writing
When the EEPROM receives the 7-bit device address and write command code “0” after the start condition, it
generates an acknowledge signal. After this, if it receives the 8-bit word address, generates an acknowledge signal,
receives the 8-bit write data, generates an acknowledge signal and then receives the stop condition, the internal write
operation of the EEPROM in the designated memory address will start. Rewriting is completed in the tWC period
after the stop condition. During an EEPROM internal write operation, no input is accepted and no acknowledge
signals are generated.
Word Address
0
1
0
A9
1
W
ACK
ACK
ACK
SDA
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Data
R/W
A10
A8
6-2. Page writing
This product enables pages with up to 16 bytes to be written. The basic data transfer procedure is the same as for byte
writing: Following the start condition, the 7-bit device address and write command code “0,” word address (n), and
data (n) are input in this order while confirming acknowledge “0” every 9 bits. The page write mode is established if,
after data (n) is input, the write data (n+1) is input without inputting the stop condition. After this, the write data
equivalent to the largest page size can be received by a continuous process of repeating the receiving of the 8-bit
write data and generating the acknowledge signals.
At the point when the write data (n+1) has been input, the lower 4 bits (A0-A3) of the word addresses are
automatically incremented to form the (n+1) address. In this way, the write data can be successively input, and the
word address on the page is incremented each time the write data is input. If the write data exceeds 16 bytes or the
last address of the page is exceeded, the word address on the page is rolled over. Write data will be input into the
same address two or more times, but in such cases the write data that was input last will take effect. Finally, the
EEPROM internal write operation corresponding to the page size for which the write data is received starts from the
designated memory address when the stop condition is received.
SDA
Memory Address(n)
0
1
0
1
W
ACK
ACK
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Data(n)
ACK
D7 D6 - D1 D0
ACK
• • • • •
Data(n+1)
R/W
A9
A10
A8
ACK
D7 D6 - D1 D0
D7 D6 - D1 D0
D7 D6 - D1 D0
D7 D6 - D1 D0
ACK
ACK
• • • • •
Data(n+x)
6-3. Acknowledge polling
Acknowledge polling is used to find out when the EEPROM internal write operation is completed. When the stop
condition is received and the EEPROM starts rewriting, all operations are prohibited, and no response can be given to
the signals sent by the master device. Therefore, in order to find out when the EEPROM internal write operation is
completed, the start condition, device address and write command code are sent from the master device to the
EEPROM (slave device), and the response of the slave device is detected.
In other words, if the slave device does not send the acknowledge signal, it means that the internal write operation is
in progress; conversely, if it does send the acknowledge signal, it means that the internal write operation has been
completed.
0
1
0
1
W
NO ACK
SDA
• • • • •
0
10
1
NO ACK
0
1
0
1
ACK
R/W
A9
A10
A8
A9
A10
A8
A9
A10
A8
WW
R/W
R/W
During Write
End of Write
During Write
No.1584-7/11


Similar Part No. - LE24L162

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24L0221 SANYO-LE24L0221 Datasheet
148Kb / 11P
   Two Wire Serial Interface EEPROM (2k EEPROM)
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24L042CS SANYO-LE24L042CS Datasheet
201Kb / 10P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24L042CS-B SANYO-LE24L042CS-B Datasheet
855Kb / 11P
   Two Wire Serial Interface EEPROM(4k EEPROM)
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
More results

Similar Description - LE24L162

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
R1EX24016ASAS0I RENESAS-R1EX24016ASAS0I_12 Datasheet
154Kb / 19P
   Two-wire serial interface 16k EEPROM
logo
Sanyo Semicon Device
LE24LB642M SANYO-LE24LB642M Datasheet
106Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM (64k EEPROM)
LE24CB642 SANYO-LE24CB642 Datasheet
100Kb / 12P
   CMOS IC Two Wire Serial Interface EEPROM(64k EEPROM)
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
LE24L082 SANYO-LE24L082 Datasheet
195Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (8k EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com