Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8104EGR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA8104EGR2
Description  Digital X-Axis or Z-Axis Accelerometer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8104EGR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA8104EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
MMA81XXEG
Sensors
6
Freescale Semiconductor
1.3.6
CFIL
The output of the sensor interface circuitry can be monitored at the CFIL pin. An internal buffer is provided to provide isolation
between external signals and the input to the A/D converter. If CFIL monitoring is desired, a low-pass filter and a buffer with high
input impedance located as close to this pin as possible are required. The circuit configuration shown in Figure 1-5 is
recommended.
Figure 1-4. CFIL Filter and Buffer Configuration
This pin may be configured as an input to the A/D converter when the MMA81XXEG/MMA82XXEG device is in test mode. Refer
to Appendix A for further details regarding test mode operation.
1.3.7
Trim/Test Pins (VPP/TEST, CLK, DOUT)
These pins are used for programming the device during manufacturing. These pins have internal pull-up or pull-down devices to
drive the input when left unconnected. The following termination is recommended for these pins in the end application:
CLK may be connected to ground, however this is not advised if the GLDE bit in DEVCFG2 is set, as a short between the adjacent
VGND/DIN pin and ground prevents ground loss detection.
1.3.8
GND Detect Pin (VGND/DIN)
VGND/DIN may be used to detect an open condition between the satellite module and chassis. The ground loss detector circuit
supplies a constant current through VGND/DIN and measures resulting voltage. This determines the resistance between VGND/
DIN and the system’s virtual ground. A fault condition is signalled if the resistance exceeds specified limits. This pin has no internal
pull-down device and must be connected as shown in Figure 1-5.
Ground loss detection circuitry is enabled when the GLDE bit is programmed to a logic ‘1’ state in DEVCFG2. Ground loss
detection is not available when the master operates in differential mode. VGND/DIN must be directly connected to BUSRTN if the
DSI bus is configured for differential operation. VGND/DIN connection options are illustrated in Figure 1-5.
When ground loss detection is enabled, a constant current is sourced and the voltage at VGND is continuously monitored. An
open connection between VSS and chassis ground will cause the voltage to rise. If the voltage indicates that the connection
between chassis ground and VSS has opened, a 14-bit counter is enabled. This counter will reverse if the voltage falls below the
detection threshold. Should the counter overflow, a ground loss condition is indicated. The counter acts as a digital low-pass filter,
to provide immunity from spurious signals.
This pin functions as the SPI data input when the device is in test mode.
Table 1-1
PIN
Termination
VPP/TEST
Connect to ground
CLK
Leave unconnected
DOUT
Leave unconnected
680 pF
50 k
Ω
5
MMA81XXEG/MMA82XXEG
CFIL
RIN
≥ 1 MΩ


Similar Part No. - MMA8104EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8104EGR2 FREESCALE-MMA8104EGR2 Datasheet
398Kb / 49P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8104EGR2 NXP-MMA8104EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA8104EGR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXTKEG FREESCALE-MMA81XXTKEG Datasheet
398Kb / 49P
   Digital X-Axis or Z-Axis Accelerometer
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com