Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX355AJQ5C Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX355AJQ5C
Description  i.MX35 Applications Processors for Automotive Products
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX355AJQ5C Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX355AJQ5C Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX355AJQ5C Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MCIMX35SR2AEC
Rev. 6, 10/2009
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
IMX35
Package Information
Plastic package
Case 5284 17 x 17 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
1
Introduction
The i.MX35 Auto Application Processor family is
designed for automotive infotainment and
navigation applications. These processors are
AECQ100 Grade 3 qualified and rated for ambient
operating temperatures up to 85
°C.
The i.MX35 multimedia applications processor
represents the next step in low-power,
high-performance application processors.
Based on an ARM11 microprocessor core running
at up to 532 MHz, the device offers the following
features and optimized system cost for the target
applications.
Audio connectivity and telematics:
— Compressed audio playback from
storage devices (CD, USB, HDD or SD
card)
— PlayFromDevice (1-wire and 2-wire
support) for portable media players
i.MX35 Applications
Processors for
Automotive Products
Silicon Revisions 2.0 and 2.1
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Features. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.3
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Functional Description and Application Information . . . . . 5
2.1
Application Processor Domain Overview. . . . . . . . . 5
2.2
Shared Domain Overview . . . . . . . . . . . . . . . . . . . . 6
2.3
Advanced Power Management Overview . . . . . . . . 6
2.4
ARM11 Microprocessor Core . . . . . . . . . . . . . . . . . 6
2.5
Module Inventory . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Signal Descriptions: Special Function Related Pins . . . . 12
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.1
i.MX35 Chip-Level Conditions . . . . . . . . . . . . . . . . 13
4.2
Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
4.3
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
4.4
Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
4.5
Power Characteristics . . . . . . . . . . . . . . . . . . . . . . 19
4.6
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . 20
4.7
I/O Pin DC Electrical Characteristics . . . . . . . . . . . 22
4.8
I/O Pin AC Electrical Characteristics . . . . . . . . . . . 25
4.9
Module-Level AC Electrical Specifications. . . . . . . 31
5
Package Information and Pinout . . . . . . . . . . . . . . . . . . 132
5.1
MAPBGA Production Package 1568-01, 17
× 17 mm,
0.8 Pitch. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
5.2
MAPBGA Signal Assignments. . . . . . . . . . . . . . . 134
6
Product Documentation. . . . . . . . . . . . . . . . . . . . . . . . . 147
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147


Similar Part No. - MCIMX355AJQ5C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX355AJQ5C FREESCALE-MCIMX355AJQ5C Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
logo
NXP Semiconductors
MCIMX355AJQ5C NXP-MCIMX355AJQ5C Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
More results

Similar Description - MCIMX355AJQ5C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com