Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDE6IC7120GNR1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MDE6IC7120GNR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MDE6IC7120GNR1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MDE6IC7120GNR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MDE6IC7120GNR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MDE6IC7120NR1 MDE6IC7120GNR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
710
Gps
ACPR
f, FREQUENCY (MHz)
Figure 5. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 25 Watts Avg.
−2
0
−1
31
37
36
35
−40
50
40
30
20
−30
34
33
32
720
730
740
750
760
770
790
−35
−3
PARC
Figure 6. Intermodulation Distortion Products
versus Two-Tone Spacing
TWO−TONE SPACING (MHz)
10
−60
−10
−20
−30
−50
1
100
−40
IM3−U
IM5−U
IM5−L
IM7−L
IM7−U
Figure 7. Output Peak-to-Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
−1
−3
−5
30
0
−2
−4
15
0
60
50
40
30
20
10
ACPR
−50
−20
−25
−30
−40
−35
−45
50
45
40
35
30
25
20
Gps
PAE
PAE
−1 dB = 28.1 W
780
VDD = 28 Vdc, Pout = 90 W (PEP), IDQ1A = IDQ1B = 80 mA
IDQ2A = 550 mA, VG2B = 2.3 Vdc, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 748 MHz
45
60
75
90
−2 dB = 44.1 W
−3 dB = 61.1 W
PARC
VDD = 28 Vdc, Pout = 25 W (Avg.)
IDQ1A = IDQ1B = 80 mA, IDQ2A = 550 mA
VG2B = 2.3 Vdc
Single−Carrier W−CDMA, 3.84 MHz
Channel Bandwidth, Input Signal PAR = 7.5 dB
@ 0.01% Probability on CCDF
IM3−L
VDD = 28 Vdc, IDQ1A = IDQ1B = 80 mA
IDQ2A = 550 mA, VG2B = 2.3 Vdc, f = 748 MHz
Single−Carrier W−CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF


Similar Part No. - MDE6IC7120GNR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MDE6IC7120GNR1 NXP-MDE6IC7120GNR1 Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
More results

Similar Description - MDE6IC7120GNR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com