Electronic Components Datasheet Search |
|
MCIMX357CVM5B Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MCIMX357CVM5B Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 148 page i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6 Freescale Semiconductor 4 1.3 Block Diagram Figure 1 is the i.MX35 simplified interface block diagram. Figure 1. i.MX35 Simplified Interface Block Diagram 2 Functional Description and Application Information The i.MX35 consists of the following major subsystems: • ARM1136 Platform—AP domain • SDMA Platform and EMI—Shared domain 2.1 Application Processor Domain Overview The applications processor (AP) and its domain are responsible for running the operating system and applications software, providing the user interface, and supplying access to integrated and external peripherals. The AP domain is built around an ARM1136JF-S core with 16-Kbyte instruction and data L1 caches, an MMU, a 128-Kbyte L2 cache, a multiported crossbar switch, and advanced debug and trace interfaces. External Memory Interface (EMI) Smart DMA Peripherals ARM11 Internal Memory DDR2/SDDR RAM NOR Flash/ NAND Flash Audio/Power Management ARM1136JF-S ESAI SPBA CSPI UART Camera Image Processing Unit (IPU) Platform Bluetooth MMC/SDIO Keypin VFP L2 cache MAX AIPS (2) JTAG LCD Display 2 LCD Display 1 Sensor External Graphics Accelerator Timers GPT RTC GPIO(3) WDOG OWIRE I2C(3) PWM KPP UART(2) 3 FuseBox PSRAM or WLAN SCC CAN(2) SPDIF HS USBOTG ATA IIM CSPI RTICv3 eSDHC(3) MSHC ASRC AUDMUX L1 I/D cache ETM AVIC RNGC EPIT ECT IOMUX FEC HS USBOTGPHY HS USBHost FS USBPHY SSI SSI GPIO(3) ECT GPU 2D Connectivity Access ARM1136 Platform Peripherals |
Similar Part No. - MCIMX357CVM5B |
|
Similar Description - MCIMX357CVM5B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |