Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AD-50 Datasheet(PDF) 3 Page - Weitron Technology

Part # WT1117AD-50
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AD-50 Datasheet(HTML) 3 Page - Weitron Technology

  WT1117AD-50 Datasheet HTML 1Page - Weitron Technology WT1117AD-50 Datasheet HTML 2Page - Weitron Technology WT1117AD-50 Datasheet HTML 3Page - Weitron Technology WT1117AD-50 Datasheet HTML 4Page - Weitron Technology WT1117AD-50 Datasheet HTML 5Page - Weitron Technology WT1117AD-50 Datasheet HTML 6Page - Weitron Technology WT1117AD-50 Datasheet HTML 7Page - Weitron Technology WT1117AD-50 Datasheet HTML 8Page - Weitron Technology WT1117AD-50 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Typical Application
WEITRON
http://www.weitron.com.tw
WT1117A
3/11
(Adjustable Version)
VOUT
GND
VIN
WT1117A-3.3
(Fixed Version)
+
+
C
10μF
Tant
1
C2
10μF
Tant Min
.
VOUT= 3.3V
V > 4.75V
IN
VOUT
ADJ
VIN
+
+
C
10μF
Tant
C2
10μF
Tant Min
.
VOUT= 3.45V
V > 4.75V
IN
WT1117A-Adj
R1
133
1.0%
R2
232
1.0%
2
3
1
2
3
1
Notes:
1. C1 needed if device is far from filter capacitors
2. C2 minimum value required for stability
V
V
R2
OUT=
X (1 +
) + I
REF
ADJ X
R2
R1
VIN
VOUT
GND
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
VIN
VOUT
ADJ
Thermal
Shutdown
Bandgap
Reference
Output
Current
Limit
Error
Amplifier
+
-
(Adjustable Version)
(Fixed Version)
Block Diagram
Rev-A 18-Oct-06


Similar Part No. - WT1117AD-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AD-50

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com