Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AN-50 Datasheet(PDF) 7 Page - Weitron Technology

Part # WT1117AN-50
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AN-50 Datasheet(HTML) 7 Page - Weitron Technology

Back Button WT1117AN-50 Datasheet HTML 3Page - Weitron Technology WT1117AN-50 Datasheet HTML 4Page - Weitron Technology WT1117AN-50 Datasheet HTML 5Page - Weitron Technology WT1117AN-50 Datasheet HTML 6Page - Weitron Technology WT1117AN-50 Datasheet HTML 7Page - Weitron Technology WT1117AN-50 Datasheet HTML 8Page - Weitron Technology WT1117AN-50 Datasheet HTML 9Page - Weitron Technology WT1117AN-50 Datasheet HTML 10Page - Weitron Technology WT1117AN-50 Datasheet HTML 11Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT1117A
7/11
Rev-A 18-Oct-06
APPLICATION INFORMATION
Adjustable Operation
Stability Considerations
V
= V
X (
) + I
X R2
OUT
REF
Adj
R1 + R2
R1
V = I x ESR
VREF
IAdj
CAdj
R1
R2
C2
C1
VIN
VOUT
VIN
VOUT
Adj
WT1117A
Figure1. Resistor Divider Scheme
WT1117A linear regulators provide fixed and adjustable output voltages at currents up to 1.0A. These regulators
are protected against overcurrent conditions and include thermal shutdown protection. The WT1117A's have
a composite PNP-NPN output transistorand require an output capacitor for stability. A detailed procedure for
selecting this capacitor follows.
The WT1117A has an output voltage range of 1.25 V to 5.5 V. An external resistor divider sets the output voltage
as shown in Figure 1. The regulator maintains a fixed 1.25V (typical) reference between the output pin and the
adjust pin.
A resistor divider network R1 and R2 causes a fixed current to flow to ground. This current creates a voltage
across R2 that adds to the 1.25V across R1 and sets the overall output voltage. The adjust pin current
(typically 35μA) also flows through R2 and adds a small error that should be taken into account if precise
adjustment of VOUT is necessary.
The output voltage is set according to the formula:
The term IAdj R2 represents the error added by the adjust pin current.
R1 is chosen so that the minimum load current is at least 2.0mA R1 and R2 should be the same type e.g.
metal film for best tracking over temperature. While not required, a bypass capacitor from the adjust pin to ground
will improve ripple rejection and transient response. A 0.1μF tantalum capacitor is recommended for first
cut design. Type and value may be varied to obtainoptimum performance vs. price.
The output compensation capacitor helps to determine three main characteristics of a linear regulator’s performance:
start-up delay,load transient response, and loop stability. The capacitor value and type is based on cost, availability,
size and temperature constrains, A tantalum or aluminum electrolytic capacitor is preferred, as a film or ceramic
capacitor with almost zero ESR can cause Instability. An aluminum electrolytic capacitor is the least expensive type.
but when the circuit operates at low temperatures, both the value and ESR of the capacitor will vary widelt.For optimum
performance over the full operating temperature range, a tantalum capacitor is best, A 22µF tantalum capacitor will work
fine in most applications, but with high current regulators such as the WT1117A higher capacitance values will improve
the transient response and stability. Most applications for the WT1117A’s involve large changes in load current, so the
output capacitor must supply instantaneous load current. The ESR of the output capacitor causes an immediate drop
in output voltage given by:
In microprocessor applications an output capacitor network of several tantalum and ceramic capacitors in parallel is
commonly used. This reduces overall ESR and minimizes the instantaneous output voltage drop under transient load
conditions. The output capacitor network should be placed as close to the load as possible for the best results.
Used with large output capacitance values and theinput voltage is instantaneously shorted to ground, damage can occur.
In this case, a diode connected as shown above in Figure1.


Similar Part No. - WT1117AN-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AN-50

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com