Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AN-18 Datasheet(PDF) 9 Page - Weitron Technology

Part # WT1117AN-18
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AN-18 Datasheet(HTML) 9 Page - Weitron Technology

Back Button WT1117AN-18 Datasheet HTML 3Page - Weitron Technology WT1117AN-18 Datasheet HTML 4Page - Weitron Technology WT1117AN-18 Datasheet HTML 5Page - Weitron Technology WT1117AN-18 Datasheet HTML 6Page - Weitron Technology WT1117AN-18 Datasheet HTML 7Page - Weitron Technology WT1117AN-18 Datasheet HTML 8Page - Weitron Technology WT1117AN-18 Datasheet HTML 9Page - Weitron Technology WT1117AN-18 Datasheet HTML 10Page - Weitron Technology WT1117AN-18 Datasheet HTML 11Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT1117A
9/11
Rev-A 18-Oct-06
The thermal characteristics of an IC depend four factors:
1. Maximum Ambient Temperature TA(°C)
2. Power Dissipation PD (Watts)
3. Maximum Junction Junction Temperature TJ(°C)
4. Thermal Resistance Junction to ambient RθJA(°C/W)
The relationship of these four factors is expressed by equation (1):
Maximum ambient temperature and power dissipation are determined by the design while the maximum junction
temperature and thermal resistance depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is expressed by equation (2):
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current
IQ is the maximum quiescent current at IOUT(max) .
A heat sink effectively increases the surface area of the package to improve the flow of heat away from the IC into the air.
Each material in the heat flow path between the IC and the environment has a thermal resistance. Like series electrical
resistances, these resistance are summed to determine RθJA the total thermal resistance between the junction and the air.
This is expressed by equation (3):
Where all of the following are in °C/W
RθJC is thermal resistance of junction to case,
RθCS is thermal resistance of case to heat sink,
RθSA is thermal resistance of heat sink to ambient air
The value for RθJA is calculated using equation (3) and the result can be substituted in equation (1) .The value for RθJC is
3.5°C/W for a given package type based on an average die size. For a high current regulator such as the WT1117A the
majority of the heat is generated in the power transistor section.
TJ=TA + PD X RθJA ........(1)
P
= { V
- V
} I
+ V
I
D(max)
IN(max)
OUT(min)
OUT(max
IN(max) Q
)
........(2)
RθJA=RθJC + RθCS X RθSA........(3)


Similar Part No. - WT1117AN-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AN-18

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com