Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AN-X Datasheet(PDF) 8 Page - Weitron Technology

Part # WT1117AN-X
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AN-X Datasheet(HTML) 8 Page - Weitron Technology

Back Button WT1117AN-X Datasheet HTML 3Page - Weitron Technology WT1117AN-X Datasheet HTML 4Page - Weitron Technology WT1117AN-X Datasheet HTML 5Page - Weitron Technology WT1117AN-X Datasheet HTML 6Page - Weitron Technology WT1117AN-X Datasheet HTML 7Page - Weitron Technology WT1117AN-X Datasheet HTML 8Page - Weitron Technology WT1117AN-X Datasheet HTML 9Page - Weitron Technology WT1117AN-X Datasheet HTML 10Page - Weitron Technology WT1117AN-X Datasheet HTML 11Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT1117A
8/11
Rev-A 18-Oct-06
(a) Fixed Version
(b) Adjustable Version
V
IN
V
OUT
C
ADJ
WT1117A-Adj
ADJ
V
IN
V
OUT
C1
C2
R1
R2
WT1117A-3.3
GND
V
IN
V
OUT
C1
IN4002
C2
V
IN
V
OUT
IN4002
Figure2 (a),(b) Protection Diode Scheme for Large Output Capacitors
When large external capacitors are used with most linear regulator, it is wise to add protection diodes. If the input voltage
of the regulator is shorted, the output capacitor will discharge into the output of the regulator. The discharge current
depends on the value of capacitor, output voltage, and rate at which VIN drops.
In the WT1117A linear regulators, the discharge path is through a large junction, and protection diodes are normally not
needed. However, damage can occur if the regulator is used with large output capacitance values and the input voltage
is instantaneously shorted to ground. In this case, a diode connected as shown above in Figure 2.
The WT1117A are three terminal regulators. For which, they cannot provide true remote load sensing. Load regulation
is limited by the resistance of the conductors connecting the regulator to the load. For best results the WT1117A
should be connected are as shown in Figure 3.
Protection Diodes
Output Voltage Sensing
Calculating Power Dissipation and Heat Sink Requirements
WT1117A-3.3
V
IN
V
OUT
R
LOAD
R
C
GND
V
IN
Conductor
Parasitic
Resistance
(a) Fixed Version
(b) Adjustable Version
WT1117A-Adj
ADJ
V
OUT
V
IN
V
IN
R
C
R
LOAD
R1
R2
Conductor
Parasitic
Resistance
Figure3
(a),(b) Conductor Parasitic Resistance Effects are Minimized by this Grounding Scheme For Fixed and Adjustable Output Regulators
The WT1117A precision linear regulators include thermal shutdown and current limit circuitry to protect the devices.
However, high power regulators normally operate at high junction temperatures. It is important to calculate the power
dissipation and junction temperatures accurately to be sure that you use and adequate heat sink. The case is connected
to VOUT on the WT1117A, and electrical isolation may be required for some applications. Thermal compound should always
be used with high current regulators like the WT1117A.


Similar Part No. - WT1117AN-X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AN-X

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com