Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT78LXX Datasheet(PDF) 7 Page - Weitron Technology

Part # WT78LXX
Description  Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT78LXX Datasheet(HTML) 7 Page - Weitron Technology

Back Button WT78LXX Datasheet HTML 2Page - Weitron Technology WT78LXX Datasheet HTML 3Page - Weitron Technology WT78LXX Datasheet HTML 4Page - Weitron Technology WT78LXX Datasheet HTML 5Page - Weitron Technology WT78LXX Datasheet HTML 6Page - Weitron Technology WT78LXX Datasheet HTML 7Page - Weitron Technology WT78LXX Datasheet HTML 8Page - Weitron Technology WT78LXX Datasheet HTML 9Page - Weitron Technology WT78LXX Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WEITRON
http://www.weitron.com.tw
WT78LXX
7/10
23-Mar-07
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Vin=27V, IO=40mA, Tj=25°C
21V ≤ Vin ≤ 33V, 1mA ≤ IO ≤ 40mA
21V≤ Vin ≤Vmax, 1mA≤ IO ≤70mA (Note2)
Line Regulation
21V ≤ Vin ≤ 33V, IO=40mA, Tj=25°C
22V ≤ Vin ≤ 33V, IO=40mA, Tj=25°C
WT78L18 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=27V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
18.0
-
17.46
17.10
18.54
18.90
145
135
-
-
300
250
mV
Load Regulation
Vin = 27V, 1mA ≤ IO ≤ 100mA, Tj=25°C
Vin = 27V, 1mA ≤ IO ≤ 40mA, Tj=25°C
Quiescent Current
Vin = 27V, IO =0mA, Tj=25°C
30
15
-
-
170
85
mV
VO
VO
VO
2.0
-
6.0
mA
IQ
Quiescent Current Change
Vin = 27V, 1mA ≤ IO ≤ 40mA
21V ≤ Vin ≤ 33V, IO=40mA
-
-
-
-
0.1
1.5
mA
IQ
Output Noise Voltage
10Hz ≤ f ≤ 100KHz
150
-
-
µV
Vn
Dropout Voltage
IO = 100mA, Tj=25°C
1.7
-
-
V
VD
Temperature Coefficient of Output Voltage
IO = 5mA, 0°C ≤ Tj ≤ 125°C
-1.8
-
-
mV/°C
VO / Tj
Temperature Coefficient of Output Voltage
IO = 5mA, 0°C ≤ Tj ≤ 125°C
-2.0
-
-
mV/°C
VO / Tj
Ripple Rejection
23V ≤ Vin ≤ 33V, f=120Hz, Tj=25°C
48
34
-
dB
RR
A-Rank(3%)
B-Rank(5%)
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Vin=33V, IO=40mA, Tj=25°C
27V ≤ Vin ≤ 38V, 1mA ≤ IO ≤ 40mA
27V≤ Vin ≤Vmax, 1mA≤ IO ≤70mA (Note2)
Line Regulation
27V ≤ Vin ≤ 38V, IO=40mA, Tj=25°C
28V ≤ Vin ≤ 38V, IO=40mA, Tj=25°C
24.0
-
23.28
22.80
24.72
25.20
160
150
-
-
300
250
mV
Load Regulation
Vin = 33V, 1mA ≤ IO ≤ 100mA, Tj=25°C
Vin = 33V, 1mA ≤ IO ≤ 40mA, Tj=25°C
Quiescent Current
Vin = 33V, IO =0mA, Tj=25°C
40
20
-
-
200
100
mV
VO
VO
VO
2.2
-
6.0
mA
IQ
Quiescent Current Change
Vin = 33V, 1mA ≤ IO ≤ 40mA
27V ≤ Vin ≤ 38V, IO=40mA
-
-
-
-
0.1
1.5
mA
IQ
Output Noise Voltage
10Hz ≤ f ≤ 100KHz
200
-
-
µV
Vn
Dropout Voltage
IO = 100mA, Tj=25°C
1.7
-
-
V
VD
Ripple Rejection
27V ≤ Vin ≤ 38V, f=120Hz, Tj=25°C
45
34
-
dB
RR
A-Rank(3%)
B-Rank(5%)
WT78L24 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=33V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the package and
copper of PCB .The data above represent pulse test conditions with junction temperatures specified at the initiation of test.
Note2: Power dissipation<0.75W


Similar Part No. - WT78LXX

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT78LXXG WEITRON-WT78LXXG Datasheet
935Kb / 7P
   Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
WT78LXXM WEITRON-WT78LXXM Datasheet
598Kb / 4P
   Positive Voltage Regulator
More results

Similar Description - WT78LXX

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com