Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC2040NR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MW7IC2040NR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2040NR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MW7IC2040NR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MW7IC2040NR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
RF Device Data
Freescale Semiconductor
MW7IC2040NR1 MW7IC2040GNR1 MW7IC2040NBR1
Zo = 50 Ω
f = 2040 MHz
f = 1880 MHz
Zin
Zo = 10 Ω
Zload
f = 2040 MHz
f = 1880 MHz
VDD = 28 Vdc, IDQ1 = 130 mA, IDQ2 = 330 mA, Pout = 4 W Avg.
f
MHz
Zin
W
Zload
W
1880
42.97 - j25.07
6.10 - j5.01
1900
44.01 - j25.91
5.92 - j4.71
1920
45.14 - j26.72
5.76 - j4.44
1940
46.38 - j27.48
5.62 - j4.21
1960
47.71 - j28.19
5.51 - j4.01
1980
49.16 - j28.83
5.40 - j3.83
2000
50.71 - j29.40
5.27 - j3.71
2020
52.36 - j29.87
5.13 - j3.60
2040
54.12 - j30.23
4.99 - j3.52
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 15. Series Equivalent Input and Load Impedance
Z in
Z load
Device
Under Test
Output
Matching
Network


Similar Part No. - MW7IC2040NR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MW7IC2040NR1 NXP-MW7IC2040NR1 Datasheet
1Mb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2009
More results

Similar Description - MW7IC2040NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com