Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSCD204 Datasheet(PDF) 2 Page - Weitron Technology

Part # WSCD204
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSCD204 Datasheet(HTML) 2 Page - Weitron Technology

  WSCD204 Datasheet HTML 1Page - Weitron Technology WSCD204 Datasheet HTML 2Page - Weitron Technology WSCD204 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
V
V
V
A
A
V
mA
°C/W
VRRM
VRMS
VDC
IFSM
VF
IR
RθJA
RθJL
20
20
20
30
30
30
60
60
60
40
40
40
0.5
10
http://www.weitron.com.tw
WEITRON
202
203
204
206
210
100
100
100
2.0
40
0.5
0.7
0.85
Maximum Recurrent Peak Reverse Voltage
IF(AV)
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectied Current
See Fig.1
Maximum Instantaneous At 2.0A DC
Peak Forward Surge Current, 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC)
Maximum DC Reverse Current @Ta = 25°C
At Rated DC BlockingVoltage @Ta = 100°C
Typical Thermal Resistance2
°C
°C
-65 to +150
-50 to +125
75
17
TSTG
StorageTemperature Range
Notes: 1.Pulse test width PW=300 usec, 1% duty cycle.
2. Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
OperatingTemperature Range
TJ
Rating 25°C Ambient Temperature Unless Otherwise Specied.
Single Phase HalfWave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
WSCD202 Series
2/3
17-May-07


Similar Part No. - WSCD204

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
WSCD215H ZOWIE-WSCD215H Datasheet
61Kb / 2P
   Schottky Barrier Diode
WSCD220H ZOWIE-WSCD220H Datasheet
61Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - WSCD204

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com