Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXHZ6115AC6U Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXHZ6115AC6U
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6115AC6U Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXHZ6115AC6U Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXHZ6115AC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPXA6115A
Rev 5, 10/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Pressure
High Temperature Accuracy
Integrated Silicon Pressure Sensor
for Measuring Absolute Pressure,
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPXxx6115A series sensor integrates on-chip, bipolar op amp
circuitry and thin film resistor networks to provide a high output signal and
temperature compensation. The small form factor and high reliability of on-
chip integration make the pressure sensor a logical and economical choice
for the system designer.
The MPXxx6115A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output
signal that is proportional to applied pressure.
Features
• Resistant to High Humidity and Common Automotive Media
• Improved Accuracy at High Temperature
• Available in Small and Super Small Outline Packages
• 1.5% Maximum Error over 0
° to 85°C
• Ideally suited for Microprocessor or Microcontroller-Based Systems
• Temperature Compensated from -40
° to +125°C
• Durable Thermoplastic (PPS) Surface Mount Package
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXA6115A Series)
MPXA6115A6U
482
MPXA6115A
MPXA6115A6T1
482
MPXA6115A
MPXA6115AC6U
482A
MPXA6115A
MPXA6115AC6T1
482A
MPXA6115A
MPXA6115AC7U
482C
MPXA6115A
Small Outline Package (Media Gel Resistant) (MPXAZ6115A Series)
MPXAZ6115A6U
482
MPXAZ6115A
MPXAZ6115AC6U
482A
MPXAZ6115A
MPXAZ6115AC6T1
482A
MPXAZ6115A
MPXAZ6115AP
1369
MPXAZ6115A
MPXAZ6115APT1
1369
MPXAZ6115A
Super Small Outline Package (MPXH6115A Series)
MPXH6115A6U
1317
MPXH6115A
MPXH6115A6T1
1317
MPXH6115A
MPXH6115AC6U
1317A
MPXH6115A
MPXH6115AC6T1
1317A
MPXH6115A
MPXA6115A
Series
MPXH6115A
MPXHZ6115A
15 to 115 kPa (2.2 to 16.7 psi)
0.2 to 4.8 V Output
Application Examples
• Aviation Altimeters
• Industrial Controls
• Engine Control/Manifold Absolute
Pressure (MAP)
• Weather Station and Weather
Reporting Device Barometers


Similar Part No. - MPXHZ6115AC6U

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXHZ6115AC6U MOTOROLA-MPXHZ6115AC6U Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXHZ6115AC6U FREESCALE-MPXHZ6115AC6U Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6115AC6U FREESCALE-MPXHZ6115AC6U Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6115AC6U NXP-MPXHZ6115AC6U Datasheet
385Kb / 20P
   MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results

Similar Description - MPXHZ6115AC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
   High Temperature Accuracy integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com