Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S21200HR6 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF8S21200HR6
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S21200HR6 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF8S21200HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S21200HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RF Device Data
Freescale Semiconductor
MRF8S21200HR6 MRF8S21200HSR6
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22-A114)
1A (Minimum)
Machine Model (per EIA/JESD22-A115)
A (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 300 μAdc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDD = 28 Vdc, ID = 1400 mA, Measured in Functional Test)
VGS(Q)
2
2.7
3.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 3 Adc)
VDS(on)
0.1
0.17
0.3
Vdc
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1400 mA, Pout = 48 W Avg., f = 2140 MHz,
Single-Carrier W-CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ ±5 MHz Offset.
Power Gain
Gps
16.5
18.1
19.5
dB
Drain Efficiency
ηD
30.0
32.6
%
Output Peak-to-Average Ratio @ 0.01% Probability on CCDF
PAR
5.7
6.3
dB
Adjacent Channel Power Ratio
ACPR
-37.1
-35.0
dBc
Input Return Loss
IRL
-15
-7
dB
Typical Broadband Performance (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1400 mA, Pout = 48 W Avg.,
Single-Carrier W-CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ ±5 MHz Offset.
Frequency
Gps
(dB)
hD
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
2110 MHz
17.8
32.6
6.4
-37.7
-15
2140 MHz
18.1
32.6
6.3
-37.1
-15
2170 MHz
18.1
32.9
6.2
-36.2
-13
1. Part internally matched both on input and output.
(continued)


Similar Part No. - MRF8S21200HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S21200HR6 FREESCALE-MRF8S21200HR6 Datasheet
586Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF8S21200HR6 FREESCALE-MRF8S21200HR6_10 Datasheet
586Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8S21200HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com