Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S18120HR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF8S18120HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S18120HR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF8S18120HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8S18120HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
Freescale Semiconductor
MRF8S18120HR3 MRF8S18120HSR3
TYPICAL CHARACTERISTICS
Figure 6. EVM versus Frequency
f, FREQUENCY (MHz)
Pout = 72 W Avg.
25 W Avg.
1900
0
6
1800
3
1
1840
1820
4
2
1860
46 W Avg.
−40
Pout, OUTPUT POWER (WATTS)
Figure 7. Spectral Regrowth at 400 kHz
versus Output Power
−45
−50
−55
f = 1880 MHz
−60
−65
−70
0
−80
−50
0
Pout, OUTPUT POWER (WATTS)
−60
−65
−70
10
Figure 8. Spectral Regrowth at 600 kHz
versus Output Power
20
100
−75
30
40
50
−55
60
70
80
90
5
1880
10
20
30
40
50
60
70
80
90
100
1840 MHz
1805 MHz
f = 1880 MHz
1840 MHz
1805 MHz
Pout, OUTPUT POWER (WATTS) AVG.
100
4
10
8
6
0
10
1
2
15
75
45
30
0
Figure 9. EVM and Drain Efficiency versus
Output Power
EVM
60
ηD
f = 1880 MHz
1840 MHz
1805 MHz
1840 MHz
Figure 10. Broadband Frequency Response
0
20
1440
f, FREQUENCY (MHz)
VDD = 28 Vdc
Pin = 0 dBm
IDQ = 800 mA
15
10
5
1540
Gain
1640
1740
1840
2040
2140 2240
2340
IRL
−20
0
−5
−10
−15
1940
VDD = 28 Vdc, IDQ = 800 mA
EDGE Modulation
VDD = 28 Vdc, IDQ = 800 mA
EDGE Modulation
VDD = 28 Vdc, IDQ = 800 mA
EDGE Modulation
VDD = 28 Vdc, IDQ = 800 mA
EDGE Modulation


Similar Part No. - MRF8S18120HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18120HR3 FREESCALE-MRF8S18120HR3 Datasheet
415Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF8S18120HR3 FREESCALE-MRF8S18120HR3_10 Datasheet
415Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8S18120HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com