Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15GN01NA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 15GN01NA
Description  NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15GN01NA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  15GN01NA Datasheet HTML 1Page - Sanyo Semicon Device 15GN01NA Datasheet HTML 2Page - Sanyo Semicon Device 15GN01NA Datasheet HTML 3Page - Sanyo Semicon Device 15GN01NA Datasheet HTML 4Page - Sanyo Semicon Device 15GN01NA Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
15GN01NA
No. A1105-2/5
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
Base-to-Emitter Voltage, VBE -- V
IT06248
IC -- VBE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
8
9
10
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT06247
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
5
10
15
20
25
30
35
40
45
50
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT06246
IB=0mA
0.05mA
0.10mA
0.15mA
0.20mA
0.25mA
0.30mA
VCE=5V
5
7
100
2
3
hFE -- IC
1.0
23
5
7
23
5
7
10
23
5
7 100
Collector Current, IC -- mA
IT05405
VCE=5V
IB=0μA
5
μA
10
μA
15
μA
20
μA
25
μA
30
μA
35
μA
40
μA
45
μA
Package Dimensions
Marking
unit : mm (typ)
7522-003
12
3
5.0
4.0
4.0
0.45
0.45
0.44
0.5
1.3
1.3
1 : Base
2 : Emitter
3 : Collector
SANYO : NP
1 : Base
2 : Emitter
3 : Collector
Top view
ZA
1
2
3


Similar Part No. - 15GN01NA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN01CA-TB-E ONSEMI-15GN01CA-TB-E Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
logo
Sanyo Semicon Device
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 15GN01NA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01SA SANYO-15GN01SA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
15GN01M SANYO-15GN01M Datasheet
25Kb / 4P
   VHF to UHF Band High-frequency Switching, Highfrequency General-Purpose Amplifier Applications
15GN01MA SANYO-15GN01MA_12 Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com