Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5375A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5375A
Description  NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5375A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5375A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5375A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5375A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5375A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5375A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5375A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5375A
No. A1088-3/6
S21e2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR08172
f=1MHz
ITR08173
f=1MHz
3
5
3
2
1.0
7
3
5
2
0.1
7
72
10
3
5
3
2
1.0
7
3
5
2
0.1
7
72
10
1.0
0.1
2
3
5
7
7
2
3
1.0
0.1
2
3
5
7
7
2
3
10
8
6
4
2
0
7
32
2
3
57
1.0
10
7
100
53
5
ITR08174
VCE=3V
f=1GHz
ITR08175
0
14
12
10
8
6
4
2
7
1.0
23
5
7
10
100
23
5
7
VCE=3V
f=1GHz
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
140
150
160
ITR07998


Similar Part No. - 2SC5375A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
   VHF to UHF Band OSC, High-Frequency Amp Applications?
More results

Similar Description - 2SC5375A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
   NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01SA SANYO-15GN01SA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01NA SANYO-15GN01NA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
   VHF to UHF OSC, High-Frequency Amplifier Applications
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
   VHF to UHF Band OSC, High-Frequency Amp Applications?
2SC5374 SANYO-2SC5374 Datasheet
134Kb / 5P
   VHF to UHF Band OSC, High-Frequency Amp Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com