Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2752RB2 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2752RB2
Description  2-Input / 1-Output Stereo Audio Selector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2752RB2 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2752RB2 Datasheet HTML 1Page - New Japan Radio NJM2752RB2 Datasheet HTML 2Page - New Japan Radio NJM2752RB2 Datasheet HTML 3Page - New Japan Radio NJM2752RB2 Datasheet HTML 4Page - New Japan Radio NJM2752RB2 Datasheet HTML 5Page - New Japan Radio NJM2752RB2 Datasheet HTML 6Page - New Japan Radio NJM2752RB2 Datasheet HTML 7Page - New Japan Radio NJM2752RB2 Datasheet HTML 8Page - New Japan Radio NJM2752RB2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2752
-7 -
!
!
!
!TYPICAL CHARACTERISTICS
ICC vs Supply Voltage
No signal
0
2
4
6
8
10
12
14
0246
8
10
12
14
Supply Voltage [V]
25~105℃
-40℃
THD+N vs Frequency
I/O: INA1-Aout
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100000
Frequency [Hz]
-40~105℃
THD+N vs Input Voltage
BW:10-22kHz(f=100Hz), 400-30kHz(f=1kHz, 10kHz)
I/O: INA1-Aout
0.0001
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
Input Voltage [Vrms]
-40~25℃
105℃
VREF vs Supply Voltage
No signal
0
1
2
3
4
5
6
7
0246
8
10
12
14
Supply Voltage [V]
-40~105℃
GAIN vs Frequency
V+=9V, I/O: INA1-Aout
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
10
100
1000
10000
100000
Frequency [Hz]
-40~105℃
Maximum Output Voltage vs Frequency
V+=9V, THD=1%, I/O: INA1-Aout
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
1
10
100
1000
10000
100000
Frequency [Hz]


Similar Part No. - NJM2752RB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2750M NJRC-NJM2750M Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2753V NJRC-NJM2753V Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2754 NJRC-NJM2754 Datasheet
204Kb / 9P
   4in-1out Audio Selector with Isolation amplifier
More results

Similar Description - NJM2752RB2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com