Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS40VS1UR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PTVS40VS1UR
Description  400 W Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS40VS1UR Datasheet(HTML) 3 Page - NXP Semiconductors

  PTVS40VS1UR Datasheet HTML 1Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 2Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 3Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 4Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 5Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 6Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 7Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 8Page - NXP Semiconductors PTVS40VS1UR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PTVSXS1UR_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2009
3 of 10
NXP Semiconductors
PTVSxS1UR series
400 W Transient Voltage Suppressor
5.
Limiting values
[1]
In accordance with IEC 61643-321 (10/1000
µs current waveform).
[2]
For PTVS3V3S1UR: PPPM = 350 W
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[4]
Soldering point of cathode tab.
7.
Characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
PPPM
rated peak pulse power
[1][2] -
400
W
IPPM
rated peak pulse current
[1] -
see
Table 7
and 8
IFSM
Non-repetitive peak
forward current
single half-sine
wave; tp = 8.3 ms
-50
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
220
K/W
[2] -
-
130
K/W
[3] --70
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --18
K/W
Table 7.
Characteristics per type; PTVS3V3S1UR to PTVS7V0S1UR
Tj =25 °C unless otherwise specified.
Type number
Reverse standoff
voltage
VRWM (V)
Breakdown voltage
VBR (V)
Reverse leakage
current
IRM (µA)
Clamping voltage
VCL (V)
IR =10mA
at VRWM (V)
Max
Min
Typ
Max
Typ
Max
Max
IPPM (A)
PTVS3V3S1UR
3.3
5.20
5.60
6.00
5
600
8.0
43.8
PTVS5V0S1UR
5.0
6.40
6.70
7.00
5
400
9.2
43.5
PTVS6V0S1UR
6.0
6.67
7.02
7.37
5
400
10.3
38.8
PTVS6V5S1UR
6.5
7.22
7.60
7.98
5
250
11.2
35.7
PTVS7V0S1UR
7.0
7.78
8.20
8.60
3
100
12.0
33.3


Similar Part No. - PTVS40VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS40VS1UR NEXPERIA-PTVS40VS1UR Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVS40VS1UR-Q NEXPERIA-PTVS40VS1UR-Q Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
More results

Similar Description - PTVS40VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com