Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS26VS1UR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTVS26VS1UR
Description  400 W Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS26VS1UR Datasheet(HTML) 2 Page - NXP Semiconductors

  PTVS26VS1UR Datasheet HTML 1Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 2Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 3Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 4Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 5Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 6Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 7Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 8Page - NXP Semiconductors PTVS26VS1UR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PTVSXS1UR_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2009
2 of 10
NXP Semiconductors
PTVSxS1UR series
400 W Transient Voltage Suppressor
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 35 types with reverse standoff voltages from 3.3 V to 64 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1
Table 3.
Ordering information
Type number[1]
Package
Name
Description
Version
PTVSxS1UR series
-
plastic surface-mounted package; 2 leads
SOD123W
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
PTVS3V3S1UR
A1
PTVS20VS1UR
AL
PTVS5V0S1UR
A2
PTVS22VS1UR
AM
PTVS6V0S1UR
A3
PTVS24VS1UR
AN
PTVS6V5S1UR
A4
PTVS26VS1UR
AP
PTVS7V0S1UR
A5
PTVS28VS1UR
AR
PTVS7V5S1UR
A6
PTVS30VS1UR
AS
PTVS8V0S1UR
A7
PTVS33VS1UR
AT
PTVS8V5S1UR
A8
PTVS36VS1UR
AU
PTVS9V0S1UR
A9
PTVS40VS1UR
AV
PTVS10VS1UR
AA
PTVS43VS1UR
AW
PTVS11VS1UR
AB
PTVS45VS1UR
AX
PTVS12VS1UR
AC
PTVS48VS1UR
AY
PTVS13VS1UR
AD
PTVS51VS1UR
AZ
PTVS14VS1UR
AE
PTVS54VS1UR
B1
PTVS15VS1UR
AF
PTVS58VS1UR
B2
PTVS16VS1UR
AG
PTVS60VS1UR
B3
PTVS17VS1UR
AH
PTVS64VS1UR
B4
PTVS18VS1UR
AK
-
-


Similar Part No. - PTVS26VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS26VS1UR NEXPERIA-PTVS26VS1UR Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVS26VS1UR-Q NEXPERIA-PTVS26VS1UR-Q Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
More results

Similar Description - PTVS26VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com