Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0L6UAS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0L6UAS
Description  Low capacitance 6-fold ESD protection diode arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0L6UAS Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0L6UAS Datasheet HTML 1Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 2Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 3Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 4Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 5Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 6Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 7Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 8Page - NXP Semiconductors PESD5V0L6UAS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PESD5V0L6UAS_US_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 18 August 2009
5 of 14
NXP Semiconductors
PESD5V0L6UAS; PESD5V0L6US
Low capacitance 6-fold ESD protection diode arrays
6.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponentially decay waveform according to IEC 61000-4-5; see Figure 1.
[2]
Measured between each cathode on pins 1, 2, 3, 4, 5 or 8 and anode on pin 6 or 7.
Table 9.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse stand-off voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V
-
8
25
nA
V(CL)R
clamping voltage
IPP = 1 A
[1][2] --10
V
IPP = 2.5 A
[1][2] --15
V
V(BR)
breakdown voltage
IR = 1 mA
6.4
6.8
7.2
V
rdif
differential resistance
IR = 1 mA
-
-
100
Cd
diode capacitance
VR = 0 V; f = 1 MHz;
see Figure 5
-
1619pF


Similar Part No. - PESD5V0L6UAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L6UAS PHILIPS-PESD5V0L6UAS Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
More results

Similar Description - PESD5V0L6UAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L6US PHILIPS-PESD5V0L6US Datasheet
97Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 02-9 November 2004
logo
Nexperia B.V. All right...
PESD5V0L6UAS NEXPERIA-PESD5V0L6UAS Datasheet
108Kb / 14P
   Low capacitance 6-fold ESD protection diode arrays
Rev. 03 - 18 August 2009
logo
Pan Jit International I...
PJESD5V6LC-5W PANJIT-PJESD5V6LC-5W Datasheet
206Kb / 4P
   LOW CAPACITANCE 5-FOLD ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESD5V0L7BAS NXP-PESD5V0L7BAS Datasheet
109Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 03-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0L7BAS NEXPERIA-PESD5V0L7BAS Datasheet
166Kb / 15P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 4 - 23 June 2010
logo
NXP Semiconductors
PESD5V0L7BAS PHILIPS-PESD5V0L7BAS Datasheet
98Kb / 14P
   Low capacitance 7-fold bidirectional ESD protection diode arrays
Rev. 02-25 November 2004
PESD3V3L5UY PHILIPS-PESD3V3L5UY Datasheet
87Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT363 package
2004 Mar 23
PESD5V0L5UV PHILIPS-PESD5V0L5UV Datasheet
85Kb / 11P
   Low capacitance 5-fold ESD protection diode arrays in SOT666 package
2004 Mar 23
logo
FutureWafer Tech Co.,Lt...
FE5VC2S1 FUTUREWAFER-FE5VC2S1 Datasheet
537Kb / 1P
   Chip low capacitance 2 fold ESD protection diode
FE3V3C4S1 FUTUREWAFER-FE3V3C4S1 Datasheet
511Kb / 1P
   Chip low capacitance 4 - fold ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com