Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89CV51RD2FBC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P89CV51RD2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RD2FBC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P89CV51RD2FBC Datasheet HTML 2Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 3Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 4Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 5Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 6Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 7Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 8Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 9Page - NXP Semiconductors P89CV51RD2FBC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
P89CV51RB2_RC2_RD2_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 25 August 2009
6 of 76
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
P0[6]/AD6
37
31
I/O
P0[6] — Port 0 bit 6.
I/O
AD6 — Address/data bit 6.
P0[7]/AD7
36
30
I/O
P0[7] — Port 0 bit 7.
I/O
AD7 — Address/data bit 7.
P1[0] to P1[7]
I/O with
internal
pull-up
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. The
Port 1 pins are pulled HIGH by the internal pull-ups when 1s are written to
them and can be used as inputs in this state. As inputs, Port 1 pins that are
externally pulled LOW will source current (IIL) because of the internal
pull-ups. P1[5], P1[6], P1[7] have high current drive of 16 mA.
P1[0]/T2
2
40
I/O
P1[0] — Port 1 bit 0.
I/O
T2 — External count input to timer/counter 2 or clock-out from timer/counter
2.
P1[1]/T2EX
3
41
I/O
P1[1] — Port 1 bit 1.
I
T2EX: Timer/counter 2 capture/reload trigger and direction control.
P1[2]/ECI
4
42
I/O
P1[2] — Port 1 bit 2.
I
ECI — External clock input. This signal is the external clock input for the
PCA.
P1[3]/CEX0
5
43
I/O
P1[3] — Port 1 bit 3.
I/O
CEX0 — Capture/compare external I/O for PCA Module 0. Each
capture/compare module connects to a Port 1 pin for external I/O. When not
used by the PCA, this pin can handle standard I/O.
P1[4]/CEX1/
SS
6
44
I/O
P1[4] — Port 1 bit 4.
I/O
CEX1 — Capture/compare external I/O for PCA Module 1.
I
SS — Slave Select input for SPI.
P1[5]/CEX2/
MOSI
7
1
I/O
P1[5] — Port 1 bit 5.
I/O
CEX2 — Capture/compare external I/O for PCA Module 2.
I/O
MOSI — Master output/slave input for SPI.
P1[6]/CEX3/
MISO
8
2
I/O
P1[6] — Port 1 bit 6.
I/O
CEX3 — Capture/compare external I/O for PCA Module 3.
I/O
MISO — Master input/slave output for SPI.
P1[7]/CEX4/
SPICLK
9
3
I/O
P1[7] — Port 1 bit 7.
I/O
CEX4 — Capture/compare external I/O for PCA Module 4.
I/O
SPICLK — Serial clock input/output for SPI.
P2[0] to P2[7]
I/O with
internal
pull-up
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins are pulled HIGH by the internal pull-ups when 1s are written to them
and can be used as inputs in this state. As inputs, Port 2 pins that are
externally pulled LOW will source current (IIL) because of the internal
pull-ups. Port 2 sends the high-order address byte during fetches from
external program memory and during accesses to external data memory
that use 16-bit address (MOVX @DPTR). In this application, it uses strong
internal pull-ups when transitioning to 1s.
P2[0]/A8
24
18
I/O
P2[0] — Port 2 bit 0.
O
A8 — Address bit 8.
Table 3.
P89CV51RB2/RC2/RD2 Pin description …continued
Symbol
Pin
Type
Description
PLCC44
TQFP44


Similar Part No. - P89CV51RD2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RD2FBC NXP-P89CV51RD2FBC Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
More results

Similar Description - P89CV51RD2FBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89CV51RB2 NXP-P89CV51RB2 Datasheet
326Kb / 73P
   8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
Rev. 01-5 October 2007
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RB2 PHILIPS-P89LV51RB2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 04-02 December 2004
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com