Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS15B Datasheet(PDF) 3 Page - Weitron Technology

Part # UDZS15B
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

UDZS15B Datasheet(HTML) 3 Page - Weitron Technology

  UDZS15B Datasheet HTML 1Page - Weitron Technology UDZS15B Datasheet HTML 2Page - Weitron Technology UDZS15B Datasheet HTML 3Page - Weitron Technology UDZS15B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
WEITRON
http://www.weitron.com.tw
UDZS2.0B series
3/4
Rev.C 30-Sep-09
ELECTRICAL CHARACTERISTICS (TA=25°C)
Note 1. The Zener voltage (Vz) is measured 40ms after power is supplied.
2. The operating resistances (Zz, Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
3.600
3.845
5
100
5
1000
1.0
10
1.0
3.890
4.160
5
100
5
1000
1.0
5
1.0
4.170
4.430
5
100
5
1000
1.0
5
1.0
4.550
4.750
5
100
5
800
0.5
2
1.0
4.980
5.200
5
80
5
500
0.5
2
1.5
5.490
5.730
5
60
5
200
0.5
1
2.5
6.060
6.330
5
60
5
100
0.5
1
3.0
e
c
i
v
e
D
VZ(V)
IZ
(mA)
IZ
(mA)
IZ
VR
(V)
6.650
6.930
5
40
5
60
0.5
0.5
3.5
7.280
7.600
5
30
5
60
0.5
0.5
4.0
8.020
8.360
5
30
5
60
0.5
0.5
5.0
8.850
9.230
5
30
5
60
0.5
0.5
6.0
9.770
10.210
5
30
5
60
0.5
0.1
7.0
10.760
11.220
5
30
5
60
0.5
0.1
8.0
11.740
12.240
5
30
5
80
0.5
0.1
9.0
12.910
13.490
5
37
5
80
0.5
0.1
10.0
14.340
14.980
5
42
5
80
0.5
0.1
11.0
15.850
16.510
5
50
5
80
0.5
0.1
12.0
17.560
18.350
5
65
5
80
0.5
0.1
13.0
19.520
20.390
5
85
5
100
0.5
0.1
15.0
21.540
22.470
5
100
5
100
0.5
0.1
17.0
23.720
24.780
5
120
5
120
0.5
0.1
26.190
27.530
5
150
5
150
0.5
0.1
21.0
29.190
30.690
5
200
5
200
0.5
0.1
23.0
32.150
33.790
5
250
5
250
0.5
0.1
25.0
35.070
36.870
5
300
5
300
0.5
0.1
27.0
UDZS3.6B
UDZS3.9B
UDZS4.3B
UDZS4.7B
UDZS5.1B
UDZS5.6B
UDZS6.2B
UDZS6.8B
UDZS7.5B
UDZS8.2B
UDZS9.1B
UDZS10B
UDZS11B
UDZS12B
UDZS13B
UDZS15B
UDZS16B
UDZS18B
UDZS20B
UDZS22B
UDZS24B
UDZS27B
UDZS30B
UDZS33B
UDZS36B
19.0
ZZ(
Ω)
Zzk(
Ω)
IR(µA)
Min.
Max.
Max.
Max.
Max.
(mA)
Zener voltage
Operating
resistance
Rising operating
resistance
Reverse curre
2.020
2.200
5
100
5
1000
0.5
120
0.5
2.220
2.410
5
100
5
1000
0.5
120
0.7
2.430
2.630
5
100
5
1000
0.5
100
1.0
2.690
2.910
5
110
5
1000
0.5
100
1.0
3.010
3.220
5
120
5
1000
0.5
50
1.0
3.320
3.530
5
120
5
1000
0.5
20
1.0
UDZS2.0B
UDZS2.2B
UDZS2.4B
UDZS2.7B
UDZS3.0B
UDZS3.3B


Similar Part No. - UDZS15B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS15B ROHM-UDZS15B Datasheet
158Kb / 5P
   Zener diode
UDZS15B ROHM-UDZS15B Datasheet
221Kb / 5P
   Zener diode
UDZS15B ROHM-UDZS15B Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
UDZS15B ROHM-UDZS15B Datasheet
158Kb / 5P
   Zener diode
UDZS15B ROHM-UDZS15B Datasheet
134Kb / 5P
   Zener diode
More results

Similar Description - UDZS15B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com