Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1655SCC Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1655SCC
Description  X-SP3T SWITCH GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1655SCC Datasheet(HTML) 1 Page - New Japan Radio

  NJG1655SCC Datasheet HTML 1Page - New Japan Radio NJG1655SCC Datasheet HTML 2Page - New Japan Radio NJG1655SCC Datasheet HTML 3Page - New Japan Radio NJG1655SCC Datasheet HTML 4Page - New Japan Radio NJG1655SCC Datasheet HTML 5Page - New Japan Radio NJG1655SCC Datasheet HTML 6Page - New Japan Radio NJG1655SCC Datasheet HTML 7Page - New Japan Radio NJG1655SCC Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJG1655SCC
Ver.2008-10-15
-1-
X-SP3T SWITCH GaAs MMIC
! GENERAL DESCRIPTION
! PACKAGE OUTLINE
The NJG1655SCC is a GaAs X (Cross)-SP3T switch MMIC which is
designed for switching of balanced triple-band filters.
This switch features very low phase error between on state paths,
low insertion loss and low control voltage.
This switch integrates a logic decoder function and high ESD
protection circuits.
The small PCSP20-CC package is adopted.
! FEATURES
" Low voltage operation
VDD=+1.5~+4.5V
" Low voltage Logic control
VCTL(H)=+1.3V min,
" Low insertion loss
0.4dB typ. @f=1.0GHz, PIN=0dBm, VDD=2.7V
0.5dB typ. @f=2.0GHz, PIN=0dBm, VDD=2.7V
" Operating current consumption
20
μA typ. @ V
DD=2.7V
" Control current consumption
5
μA typ. @ V
CTL(H)=1.8V
" Small package
PCSP20-CC (Package size: 2.7x2.7x0.8mm)
! PIN CONFIGURATION
! TRUTH TABLE
ON PATH
CTL1
CTL2
PCA-P1A
PCB-P1B
H
L
PCA-P2A
PCB-P2B
L
L
PCA-P3A
PCB-P3B
L
H
X (Cross) -SP3T Switch : Switch that output port of two SP3T switches crosses internally.
Pin connection
1.
GND
11. GND
2.
P2A
12. PCB
3.
GND
13. PCA
4.
P2B
14. GND
5.
GND
15. VDD
6.
P1B
16. GND
7.
P1A
17. CTL2
8.
GND
18. CTL1
9.
GND
19. P3B
10. GND
20. P3A
NOTE: The information on this datasheet is subject to change without notice.
(Top View)
NJG1655SCC
“H”=VCTL(H), “L”=VCTL(L)
20
19
18
17
16
15
14
13
12
11
6
7
8
9
10
1
2
3
4
5
DECODER


Similar Part No. - NJG1655SCC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
More results

Similar Description - NJG1655SCC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
logo
New Japan Radio
NJG1662MD7 NJRC-NJG1662MD7 Datasheet
214Kb / 8P
   X-SPDT SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1663K44 NJRC-NJG1663K44 Datasheet
349Kb / 12P
   X-SP4T SWITCH GaAs MMIC
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
   GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
New Japan Radio
NJG1692NB2 NJRC-NJG1692NB2 Datasheet
130Kb / 10P
   X-SPDT SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com